Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • D-2Y-R

  • AI
    The **D-2Y-R** designation typically refers to a specific series of high-precision, subminiature signal relays or specific automotive-grade electronic components. Most commonly, this part number is associated with **taped and reeled (R)** versions of the **D2Y series** signal relays. --- ### 1. Component Overview The D-2Y-R is a highly sensitive, small-form-factor relay used primarily in telecommunications, testing equipment, and security systems. | Specification | Typical Value | | :--- | :--- | | **Contact Form** | 2 Form C (DPDT - Double Pole Double Throw) | | **Terminal Type** | PCB Through-hole or SMT (depending on variant) | | **Contact Material** | Gold-clad silver alloy | | **Rated Load** | 0.5A at 125VAC / 1A at 30VDC | | **Packaging (R suffix)** | Tape & Reel (for automated pick-and-place) | --- ### 2. Key Electronic Features #### A. Contact Configuration (2 Form C) The "2Y" in the part number often indicates a double-pole, double-throw (DPDT) configuration. This allows the relay to control two separate circuits simultaneously, switching between two paths for each circuit. #### B. Sensitivity and Power These parts are designed for low power consumption. They typically feature: * **Nominal Operating Power:** ~150mW to 200mW. * **Coil Voltages:** Available in 3V, 5V, 12V, and 24V DC versions. #### C. Signal Integrity Because these relays use **gold-clad contacts**, they provide: * Low contact resistance. * High reliability for switching low-level signals (dry circuits). * Resistance to oxidation over time. --- ### 3. Application Use Cases The D-2Y-R is favored in precision electronics due to its small footprint and high switching speed. 1. **Telecommunications:** Switching telephone lines or network signals. 2. **Measurement Equipment:** Selecting input channels in oscilloscopes or multimeters. 3. **Security Systems:** Controlling alarm loops or sensor triggers. 4. **Medical Electronics:** Low-power switching in portable diagnostic devices. --- ### 4. Technical Diagram (Logical) ```text [COIL] (1)---(8) | | (2)---|---|(7) [Common] (3)---|---|(6) [NC - Normally Closed] (4)---|---|(5) [NO - Normally Open] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the standard coil voltage for the D-2Y-R series?
    • ⤷ How does the 'R' suffix affect the mounting process in manufacturing?
    • ⤷ Are there waterproof or sealed versions of this specific relay?