Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • D10-R

  • AI
    The **D10-R** typically refers to a high-performance, digital proportional **steering servo** commonly used in RC (Radio Controlled) drifting and racing applications (manufactured by brands like Reve D). Below is a breakdown of its electronic components and technical specifications. --- ## 1. Internal Electronic Architecture The D10-R is a "smart" servo, meaning it contains an onboard logic controller rather than just simple analog circuitry. | Component | Description | | :--- | :--- | | **Microprocessor (MCU)** | A high-speed 32-bit processor that calculates position and manages the PID loop for precision. | | **Motor Type** | Usually a **Coreless Motor**, which offers faster acceleration and lower inertia than standard cored motors. | | **Potentiometer** | A high-precision variable resistor that provides feedback on the output shaft's position. | | **MOSFET Drive Stage** | High-current transistors that handle the power delivery to the motor to ensure high torque. | --- ## 2. Technical Specifications The electronics are designed to operate across a specific voltage range to optimize speed and torque. ### Power & Performance * **Operating Voltage:** 4.8V – 7.4V (Supports 2S LiPo "High Voltage" setups). * **Signal Protocol:** PWM (Pulse Width Modulation) with support for high-speed protocols like SSR (Sanwa Super Response) or SUR. * **Current Draw:** Low idle current, but high peak current during rapid transitions. ### Speed vs. Torque | Voltage | Speed (60°) | Torque | | :--- | :--- | :--- | | **6.0V** | ~0.09 sec | ~10.0 kg/cm | | **7.4V** | ~0.07 sec | ~12.5 kg/cm | --- ## 3. Programmable Features One of the most significant "electronic" aspects of the D10-R is its **USB-programmable firmware**. Users can connect the servo to a PC or programmer to adjust: 1. **Stretch/Damping:** Controls how the servo stops at its target point (prevents "hunting" or shaking). 2. **Boost:** Adjusts the initial power kick to start the motor moving. 3. **Dead Band:** The range of signal change required before the servo reacts. 4. **Brake Force:** How aggressively the electronics hold the position against external forces. --- ## 4. Physical Build Quality * **Housing:** Full or partial CNC Aluminum heat sink to dissipate heat from the MOSFETs and motor. * **Gears:** Hardened metal gears (Steel/Titanium) to handle the torque. * **Wiring:** High-strand count silicone wire for flexibility and high current capacity.
    ✨ Follow-up Questions
    • ⤷How do I program the D10-R servo settings?
    • ⤷ What is the difference between coreless and brushless motors in servos?
    • ⤷ Is the D10-R compatible with 8.4V power systems?