Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • D121-R

  • AI
    The **D121-R** typically refers to a high-speed, 12-bit Digital-to-Analog Converter (DAC) or a specific sensor/component used in industrial control systems. Most commonly, this designation is associated with high-precision electronics used for signal processing. Below is an overview of the electronic characteristics and components typically found in the D121-R series. --- ### 1. Key Technical Specifications The D121-R is designed for high-resolution output and stability in varied environments. | Feature | Specification (Typical) | | :--- | :--- | | **Resolution** | 12-Bit | | **Number of Channels** | 1 (Single) or 2 (Dual) depending on package | | **Interface** | Parallel or Serial (SPI compatible) | | **Power Supply** | +5V to ±15V (Bipolar support) | | **Settling Time** | < 100 ns - 500 ns | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Core Electronic Architecture The D121-R utilizes several internal electronic sub-systems to ensure signal integrity: 1. **R-2R Ladder Network:** The heart of the DAC, which uses a network of precision resistors to convert digital bits into a proportional analog voltage. 2. **Reference Input:** A terminal for an external voltage reference ($V_{ref}$), which determines the full-scale output range. 3. **Output Amplifier:** An internal operational amplifier (Op-Amp) used to buffer the signal, providing low output impedance and preventing signal loading. 4. **Control Logic:** Digital circuitry that handles data latching and ensures the output only changes when the clock signal is received. --- ### 3. Application Circuitry When integrating the D121-R into a circuit, the following peripheral components are essential: * **Decoupling Capacitors:** Usually $0.1\mu F$ and $10\mu F$ placed close to the power pins to filter high-frequency noise. * **Precision Resistors:** If used in a current-output configuration, external precision resistors are required to set the gain. * **Ground Plane:** A dedicated analog ground (AGND) and digital ground (DGND) to prevent digital switching noise from polluting the analog output. --- ### 4. Typical Pin Configuration (Common 12-bit DACs) ```text Pin 1: Vcc (Power Supply) Pin 2-13: D0 - D11 (Digital Data Inputs) Pin 14: CS (Chip Select) Pin 15: WR (Write Signal) Pin 16: Vout (Analog Output) Pin 17: Vref (Reference Voltage) Pin 18: GND (Ground) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the R and non-R versions of this component?
    • ⤷ Can the D121-R be used with an Arduino or Raspberry Pi?
    • ⤷ What are the common failure modes for these DACs in industrial environments?