Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • D160-R

  • AI
    The **D160-R** typically refers to a high-performance, compact **DC-to-DC Brushless Motor Controller (ESC)** or a specialized **Industrial Power Module**, frequently used in robotics, heavy-duty drones, or electric propulsion systems. Below is an explanation of its core electronic components and technical architecture. --- ### 1. Core Technical Specifications The "D160" designation usually signifies a continuous current rating of **160 Amps**. | Component Feature | Specification/Type | | :--- | :--- | | **Input Voltage** | Typically 12V - 52V (Support for 3S to 12S LiPo) | | **Current Rating** | 160A Continuous / 200A+ Peak | | **Control Logic** | ARM Cortex-M4 or similar 32-bit Microprocessor | | **Communication** | PWM, CAN-Bus, or RS485 | | **MOSFET Type** | Low RDS(on) N-Channel Power MOSFETs | --- ### 2. Key Electronic Sections #### A. Power Stage (Inverter) The heart of the D160-R is the **3-phase bridge circuit**. * **MOSFETs:** It utilizes multiple high-power transistors arranged in parallel to handle massive current without overheating. * **Busbars:** Instead of standard PCB traces, it often uses thick copper busbars to facilitate the 160A flow. #### B. The Logic Board (MCU) * **Microcontroller:** Processes input signals (throttle) and executes **Field Oriented Control (FOC)** algorithms. This allows for smooth torque delivery and high efficiency. * **Gate Drivers:** These bridge the gap between the low-voltage MCU and the high-voltage MOSFETs, ensuring rapid switching to minimize heat loss. #### C. Sensing & Protection Circuits The "R" variant often denotes "Telemetry" or "Robustness" features: * **Shunt Resistors:** Used for real-time current sensing. * **NTC Thermistors:** Monitor the temperature of the power board to trigger thermal throttling if the unit exceeds ~100°C. * **Capacitor Bank:** High-capacitance electrolytic capacitors are used to smooth out voltage spikes (ESR reduction). #### D. Communication Interfaces * **Signal Opto-isolation:** Many D160-R models use optoisolators to prevent high-voltage noise from the motor from traveling back into the flight controller or PLC. --- ### 3. Connection Pinout Overview | Pin/Lead | Function | Description | | :--- | :--- | :--- | | **V+ / V-** | Main Power Input | Connection to Battery/Power Supply | | **U, V, W** | Phase Outputs | Connections to the Brushless Motor | | **CAN / Signal** | Data Input | Receives control commands (RPM/Torque) | | **Telemetry** | Data Output | Sends Temp, Voltage, and Current data back to the user | --- ### 4. Thermal Management Due to the high current density, the D160-R is usually encased in a **CNC Aluminum Heatsink**. The electronic components are often "potted" (covered in thermally conductive epoxy) to protect against vibration and moisture while assisting in heat dissipation.
    ✨ Follow-up Questions
    • ⤷What is the maximum peak voltage the D160-R can handle?
    • ⤷ Does the D160-R support regenerative braking?
    • ⤷ How do I configure the CAN-Bus parameters for this controller?