Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • D1663

  • AI
    The **2SD1663** (often shortened to D1663) is a NPN epitaxial planar silicon transistor. It is primarily designed for low-frequency power amplification and high-current switching applications. Below is a detailed breakdown of its technical specifications and characteristics. --- ### 1. Key Technical Specifications The following table outlines the absolute maximum ratings and electrical characteristics for the 2SD1663. | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 60 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 50 | V | | Emitter-Base Voltage | $V_{EBO}$ | 6 | V | | Collector Current (DC) | $I_C$ | 2 | A | | Collector Dissipation ($T_a=25^\circ C$) | $P_C$ | 1.0 | W | | Junction Temperature | $T_j$ | 150 | $^\circ C$ | --- ### 2. Physical and Pin Configuration The D1663 is typically housed in a **TO-92L** package (a slightly taller version of the standard TO-92), which allows for better heat dissipation while maintaining a small footprint. **Pinout (Front View):** 1. **Emitter (E):** The terminal where current exits. 2. **Collector (C):** The terminal where current enters. 3. **Base (B):** The terminal that triggers/controls the transistor. --- ### 3. Features and Applications The D1663 is valued for its high current capacity relative to its size and its excellent linearity. #### Main Features: * **High Collector Current:** Capable of handling up to 2A, which is high for a small-signal package. * **Low Saturation Voltage:** $V_{CE(sat)}$ is typically low, ensuring minimal power loss when used as a switch. * **High DC Current Gain ($h_{FE}$):** Usually ranges between 120 to 560 (classified into ranks like R, S, or T). #### Common Applications: * **Power Amplifiers:** Used in the output stages of small audio amplifiers. * **Voltage Regulators:** Part of linear power supply circuits. * **Relay Drivers:** Ideal for switching magnetic relays or small DC motors. * **LED Drivers:** Managing high-brightness LED arrays. --- ### 4. Complementary Part In push-pull amplifier circuits, the 2SD1663 (NPN) is often paired with its PNP counterpart: * **Complementary PNP:** **2SB1133** ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement transistors for the 2SD1663?
    • ⤷ How does the TO-92L package differ from the standard TO-92 in terms of heat dissipation?
    • ⤷ What is the typical hFE range for the 'S' rank of this transistor?