Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • D2-713-R

  • AI
    The **D2-713-R** is a specific electronic component belonging to a family of high-performance digital audio processors. It is most commonly associated with **D2Audio** (now part of Renesas/Intersil). This part is primarily a **Digital Audio Processor and PWM Controller** designed for high-fidelity audio applications, particularly in Class-D amplification. --- ### 1. Key Technical Specifications The D2-713-R is engineered to handle multi-channel audio processing with high precision. | Feature | Description | | :--- | :--- | | **Type** | Digital Audio Processor / PWM Controller | | **Channels** | Multi-channel (typically 2 to 6 channels depending on config) | | **Interface** | I2S for audio data, I2C/SPI for control | | **Processing Power** | Integrated 24-bit fixed-point DSP | | **Package** | Usually QFP (Quad Flat Package) or QFN | | **Supply Voltage** | 3.3V (Digital) / 1.8V (Core) | --- ### 2. Core Functional Blocks To understand how the D2-713-R works, it is helpful to look at its internal architecture: 1. **Digital Audio Input:** Accepts standard digital audio formats (PCM, I2S, Left Justified) from sources like Bluetooth modules, CDs, or digital streamers. 2. **DSP Engine:** Performs real-time audio manipulation including: * **Equalization (EQ):** Multi-band parametric EQ. * **Dynamic Range Compression (DRC):** Protects speakers and normalizes volume. * **Crossover:** Splits frequencies for subwoofers and tweeters. 3. **PWM Modulator:** This is the "bridge" to the power stage. It converts the processed digital signal into Pulse Width Modulation (PWM) signals. 4. **Feedback Control:** High-end D2Audio chips often feature an error-correction loop to ensure the output remains linear and low-distortion even if the power supply fluctuates. --- ### 3. Common Applications The D2-713-R is typically found in mid-to-high-end consumer electronics where audio quality is a priority: * **Home Theater Systems:** Managing multi-channel surround sound. * **Active Soundbars:** Providing DSP for virtual surround and bass management. * **Automotive Audio:** Used in car head units or external amplifiers. * **Professional Audio:** Small-form-factor powered monitors. --- ### 4. Schematic Integration When integrating this part into a circuit, engineers focus on these three areas: ```c /* Pseudocode representation of I2C Initialization for D2-713 */ void init_d2_audio() { I2C_Write(D2_ADDR, REG_SYS_CTRL, 0x01); // Wake up device I2C_Write(D2_ADDR, REG_PWM_FREQ, 0x04); // Set PWM switching frequency I2C_Write(D2_ADDR, REG_MASTER_VOL, 0xFF); // Set initial volume } ``` * **Clocking:** Requires a stable Master Clock (MCLK) to prevent jitter. * **Output Stage:** Must be paired with a MOSFET power stage (Gate Drivers) to drive physical speakers. * **Filtering:** Requires an LC low-pass filter at the speaker output to remove the high-frequency PWM carrier signal. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between D2-713-R and other D2Audio chips like the D2-4xx series?
    • ⤷ Which power stages or gate drivers are best paired with the D2-713-R?
    • ⤷ How do you program the DSP inside the D2-713-R for custom EQ curves?