Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • D2300-R-CGPB

  • AI
    The **D2300-R-CGPB** is a specific integrated circuit, most commonly associated with **Realtek’s Gigabit Ethernet Controller** series. This component is widely used in motherboards, network interface cards (NICs), and embedded systems to provide high-speed wired networking capabilities. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The D2300 series (often referring to the **RTL8111G/RTL8111H** family or specialized variants) is a single-chip 10/100/1000M Ethernet controller. It combines a triple-speed IEEE 802.3 compliant Media Access Controller (MAC) with a physical layer transceiver (PHY). ### Key Specifications | Feature | Specification | | :--- | :--- | | **Interface** | PCI Express (PCIe) 1.1 / 2.0 | | **Data Rate** | 10/100/1000 Mbps (Auto-negotiation) | | **Package Type** | QFN (Quad Flat No-leads) | | **Voltage Supply** | 3.3V (Digital) / 1.1V (Core) | | **Compliance** | IEEE 802.3, 802.3u, 802.3ab | --- ## 2. Core Electronic Features ### A. Power Management The "R" in the part number often denotes specialized power-saving revisions. * **LPI (Low Power Idle):** Supports Energy Efficient Ethernet (EEE) to reduce power consumption during periods of low data activity. * **Wake-on-LAN (WOL):** Allows the system to be powered up from a low-power state via a network packet. ### B. Physical Layer (PHY) * **Crossover Detection:** Supports Auto-MDIX, meaning it automatically adjusts for straight-through or crossover cables. * **Precision Filters:** Integrated adaptive equalizers and echo cancellers to maintain signal integrity over long cable lengths (up to 100 meters). ### C. Host Interface * Communicates with the CPU via a **PCIe x1** lane. * Supports Message Signaled Interrupts (MSI and MSI-X) to reduce CPU overhead. --- ## 3. Pinout and Circuit Integration In a typical PCB design, the D2300-R-CGPB requires several external passive components to function: 1. **Crystal Oscillator:** Usually a 25MHz crystal is required for the internal clock generation. 2. **Magnetic Transformer:** A 1:1 LAN transformer (Magnetics) is required between the chip and the RJ45 port to provide galvanic isolation. 3. **Decoupling Capacitors:** Small ceramic capacitors (0.1µF) placed near the VDD pins to filter high-frequency noise. --- ## 4. Part Number Decoding (Typical Realtek Convention) While "D2300" is a specific marking, it follows standard industry nomenclature: * **CG:** Often indicates "Green" (Lead-Free / RoHS compliant). * **PB:** Usually refers to the specific Revision or the Lead (Pb) free status of the packaging. ---
    ✨ Follow-up Questions
    • ⤷ What are the common power supply requirements for the D2300-R-CGPB in a PCB layout?
    • ⤷ Does this controller support jumbo frames
    • ⤷ and if so
    • ⤷ what is the maximum size?
    • ⤷ Which specific drivers are required for the D2300 series in Windows or Linux environments?