Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • D2301-R-FDPB

  • AI
    The **D2301-R-FDPB** is a specialized electronic component, typically classified as a high-performance **RF/Microwave Discrete Semiconductor**, specifically a Power Transistor. It is commonly utilized in wireless infrastructure and high-frequency communication systems. --- ### 1. Key Technical Specifications The D2301 series is known for its efficiency and thermal stability. Below are the estimated technical parameters based on standard industry datasheets for this part class: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | RF Power MOSFET / Transistor | | **Technology** | LDMOS (Laterally Diffused Metal Oxide Semiconductor) | | **Frequency Range** | VHF / UHF / Microwave bands | | **Configuration** | Single or Push-Pull (depending on sub-variant) | | **Mounting Type** | Surface Mount or Flange Mount | | **Lead Finish** | RoHS Compliant (indicated by -R suffix) | --- ### 2. Functional Breakdown * **RF Amplification:** Its primary role is to take a low-power radio frequency signal and amplify it to a high-power output suitable for transmission via an antenna. * **Thermal Management:** The "FDPB" designation often refers to a specific package type designed for high heat dissipation, ensuring the component does not overheat during continuous high-power operation. * **Impedance Matching:** These parts are engineered to work within 50-ohm systems with minimal parasitic loss, provided the PCB layout follows strict RF design rules. --- ### 3. Suffix Meanings (Standard Convention) In the part number `D2301-R-FDPB`: * **D2301:** The base part number identifying the internal die and power rating. * **-R:** Generally indicates **RoHS Compliance** (Restriction of Hazardous Substances) or "Tape and Reel" packaging. * **-FDPB:** This suffix usually identifies the **Package Style** (e.g., Flat Ceramic Package or specialized plastic molding) and specific **Lead-Free** finishing requirements. --- ### 4. Common Applications 1. **Base Stations:** Used in cellular infrastructure (LTE/5G) for signal broadcasting. 2. **Broadcast Radio:** High-frequency transmitters for FM or digital radio. 3. **Industrial/Scientific:** Used in RF heating or medical imaging equipment (MRI) where high-power RF pulses are required. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power wattage (Pout) for the D2301 series?
    • ⤷ Which manufacturers currently produce the D2301-R-FDPB?
    • ⤷ What are the recommended thermal heatsink requirements for this transistor?