Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • D2302-R-BFPB

  • AI
    The **D2302-R-BFPB** is a specific surface-mount N-Channel Enhancement Mode MOSFET. These components are primarily used for low-voltage switching and power management in compact electronic devices. --- ## 1. Technical Specifications The D2302 series (often associated with the "2302" or "A2SHB" marking) is designed for high-speed switching and low power loss. | Feature | Specification (Typical) | | :--- | :--- | | **Transistor Type** | N-Channel MOSFET | | **Drain-Source Voltage ($V_{DS}$)** | 20V to 30V | | **Continuous Drain Current ($I_D$)** | 2.0A to 3.6A | | **Gate-Source Threshold ($V_{GS(th)}$)** | 0.85V to 1.5V (Logic Level) | | **Drain-Source On-Resistance ($R_{DS(on)}$)** | ~45mΩ to 85mΩ @ 4.5V | | **Package Type** | SOT-23 (Small Outline Transistor) | --- ## 2. Key Internal Characteristics ### Enhancement Mode This means the device is "normally OFF." It requires a positive voltage at the Gate ($V_{GS}$) relative to the Source to create a conductive channel between the Drain and Source. ### Logic Level Compatibility Because the threshold voltage ($V_{GS(th)}$) is low (typically around 1V), this MOSFET can be driven directly by the GPIO pins of microcontrollers like an **Arduino, ESP32, or STM32** without needing a separate gate driver circuit. ### Fast Switching The low gate charge ($Q_g$) allows the transistor to turn on and off rapidly, making it suitable for PWM (Pulse Width Modulation) applications like dimming LEDs or controlling small DC motors. --- ## 3. Typical Applications The D2302-R-BFPB is versatile and found in numerous low-power circuits: * **Load Switches:** Turning on/off power rails for sub-circuits in battery-powered devices. * **Battery Protection:** Integrated into BMS (Battery Management Systems) for single-cell Li-ion batteries. * **LED Drivers:** Controlling high-brightness LEDs via PWM. * **DC-DC Converters:** Used in the switching stage of small buck or boost converters. --- ## 4. Pin Configuration (SOT-23) Standard pinout for this package: ```text SOT-23 Top View _______ (G) | 1 3 | (D) | 2 | ------- (S) 1. G = Gate (Control signal) 2. S = Source (Connected to Ground for N-Channel) 3. D = Drain (Connected to the Load) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the SOT-23 version of the D2302?
    • ⤷ Can the D2302 be used as a high-side switch
    • ⤷ or is it strictly for low-side switching?
    • ⤷ What are the common SMD markings to identify a D2302-R-BFPB on a PCB?