Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • D2302-R-GFPB

  • AI
    The **D2302-R-GFPB** is a high-performance, N-Channel Enhancement Mode MOSFET commonly used in power management and switching applications. It is designed to handle low-voltage, high-current signals with high efficiency. ### Technical Specifications Below are the primary electrical characteristics for the D2302-R-GFPB: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DS}$ | 20 | V | | **Gate-Source Voltage** | $V_{GS}$ | ±8 | V | | **Continuous Drain Current** | $I_D$ | 2.0 - 2.8 | A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~55 - 85 | mΩ | | **Total Gate Charge** | $Q_g$ | ~3.5 | nC | | **Package Type** | SOT-23 | --- | --- | --- ### Key Features and Internal Structure 1. **N-Channel Enhancement Mode:** This means the device is "normally off" and requires a positive gate voltage to allow current to flow between the drain and the source. 2. **Low $R_{DS(on)}$:** The low resistance when the transistor is fully "on" ensures minimal power dissipation and heat generation, making it ideal for battery-operated devices. 3. **Fast Switching Speed:** Due to low gate charge ($Q_g$), the device can transition between on and off states rapidly, which is essential for PWM (Pulse Width Modulation) circuits. 4. **GFPB Nomenclature:** Usually indicates "Green" (Halogen-free) and "Lead-Free" (Pb-free) compliance, meeting RoHS standards. --- ### Common Applications The D2302 series is versatile and found in the following circuits: * **Load Switching:** Used to turn power rails on or off in portable electronics. * **DC-DC Converters:** Acts as a switching element in buck or boost regulators. * **Battery Protection:** Integrated into BMS (Battery Management Systems) for lithium-ion cells. * **LED Driving:** Controlling the brightness of small LED arrays via high-frequency switching. ### Circuit Diagram Representation In a typical circuit, the pins for the SOT-23 package are mapped as follows: ```text SOT-23 Package _______ (G) | 1 3 | (D) | 2 | ------- (S) 1: Gate (Control) 2: Source (Ground/Input) 3: Drain (Output/Load) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent MOSFET part numbers for the D2302?
    • ⤷ How does temperature affect the Rds(on) of this specific transistor?
    • ⤷ What is the maximum power dissipation (Pd) for the SOT-23 version of this chip?