Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • D369-R33-CS1

  • AI
    The **D369-R33-CS1** is a specialized high-reliability connector part, primarily belonging to the **DEUTSCH 369 Series** manufactured by TE Connectivity. These connectors are designed for harsh environments, particularly in aerospace and defense applications. --- ### 1. Technical Specifications The part number can be broken down into specific electronic and mechanical characteristics: | Feature | Specification | | :--- | :--- | | **Series** | DEUTSCH 369 (Small form factor) | | **Shell Size** | 3 (3-way/3-pin configuration) | | **Contact Gender** | Socket (Receptacle) | | **Coupling Type** | Rectangular, push-pull or screw-on (depending on installation) | | **Material** | High-performance composite (Lightweight) | | **Environmental Rating** | IP67 / Sealed against moisture and dust | --- ### 2. Key Electronic Components & Materials * **Contacts:** Typically uses gold-plated copper alloy contacts to ensure low electrical resistance and high signal integrity. * **Insulation:** The internal housing is made of high-grade thermoplastics that provide high dielectric strength, preventing arcing between pins. * **EMI Shielding:** Some variants include conductive coatings, though the standard "CS" series focuses on space-saving and weight reduction. * **Operating Temperature:** Generally rated for **-55°C to +175°C**, making it suitable for engine compartments or high-altitude avionics. --- ### 3. Application Use-Cases The D369 series is preferred in modern electronics for the following reasons: 1. **Avionics:** Used in flight control systems and cockpit displays where space is at a premium. 2. **In-Flight Entertainment (IFE):** Ideal for seat-back power and data connections due to its lightweight composite shell. 3. **UAVs/Drones:** Provides a secure, vibration-resistant connection without adding significant weight. --- ### 4. Wiring Diagram Representation When integrating this part into a circuit, the pinout is typically represented as follows: ```yaml Pin Configuration: Pin 1: Signal/Power (+) Pin 2: Signal/Power (-) Pin 3: Ground/Shield ```
    ✨ Follow-up Questions
    • ⤷ What are the crimping tool requirements for D369 series contacts?
    • ⤷ Does this connector support high-speed data protocols like Ethernet?
    • ⤷ What is the difference between the R33 and R36 variants?