Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • D413-R1AA

  • AI
    The **D413-R1AA** is a specific model of a **Miniature Basic Switch** (often referred to as a Microswitch) manufactured by **Cherry** (now part of **ZF Switches & Sensors**). These switches are widely used in industrial and consumer electronics for position sensing and limit detection. --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Switch Type** | Snap Action / Miniature Basic Switch | | **Contact Form** | SPDT (Single Pole Double Throw) | | **Actuator Type** | Simulated Roller Lever | | **Current Rating** | 0.1A to 3A (depending on voltage/load) | | **Voltage Rating** | 250V AC | | **Termination Style** | Quick Connect / Solder Terminals | | **Operating Force** | Light to Medium (approx. 45g - 150g) | --- ### 2. Electronic Components & Internal Design The D413-R1AA is an electromechanical device consisting of several critical internal parts: #### A. Contact Mechanism (SPDT) The "D4" series typically features a **Snap-Action** mechanism. This ensures that the transition between the NO (Normally Open) and NC (Normally Closed) contacts happens almost instantaneously, regardless of the speed of the physical actuator. This prevents "arcing" and ensures a reliable electrical signal. #### B. The Actuator (R1 suffix) The **R1** designation refers to the physical interface. In this case, it is a **Simulated Roller Lever**. * It uses a curved metal leaf spring. * It is designed to be triggered by a sliding or rotating cam without the friction of a flat lever. #### C. Housing Material The body is typically made from high-grade **Thermoplastic (PET/PBT)**. This provides high dielectric strength (insulation) and resistance to high temperatures, ensuring the internal electrical paths do not short-circuit. --- ### 3. Application Areas Because of its precision and reliability, the D413-R1AA is commonly found in: * **Appliances:** Detecting if a door is closed or a tray is inserted. * **Vending Machines:** Sensing coin drops or product dispensing. * **Industrial Automation:** Limit switches for small robotic arms or conveyor gates. * **Medical Equipment:** Safety interlocks for diagnostic machines. --- ### 4. Circuit Diagram Representation In an electrical schematic, the D413-R1AA is represented as follows: ```mermaid graph LR C[Common Terminal] --- NC[Normally Closed] C -.-> NO[Normally Open] ``` * **COM (Common):** The input power/signal. * **NC (Normally Closed):** Circuit is complete when the lever is NOT pressed. * **NO (Normally Open):** Circuit is completed only when the lever IS pressed.
    ✨ Follow-up Questions
    • ⤷ What is the maximum mechanical lifespan of the D4 series switches?
    • ⤷ How does the 'Simulated Roller' differ from a standard 'Roller Lever'?
    • ⤷ Can this switch be used for DC loads as well as AC?