Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • D429-R1ML

  • AI
    Based on the part number **D429-R1ML**, this typically refers to a **Subminiature Snap-Action Microswitch** manufactured by **ZF Electronics** (formerly **Cherry**). These switches are widely used in automotive, industrial, and consumer electronics due to their reliability and small footprint. Below is a detailed breakdown of its electronic and mechanical specifications. --- ## 1. Core Specifications The D429 series is known for its high-current switching capability despite its small size. | Parameter | Specification | |:---|:---| | **Switch Type** | Subminiature Snap-Action (Microswitch) | | **Circuitry** | SPDT (Single Pole Double Throw) | | **Contact Rating** | 3A @ 250VAC | | **Operating Force** | ~75 cN (centinewtons) | | **Terminal Type** | PCB Terminals (Straight) | | **Actuator Type** | Lever (Simulated Roller or Plain, depending on sub-revision) | | **Contact Material** | Silver Alloy (AgNi) | --- ## 2. Key Electronic Features ### Contact Configuration (SPDT) The device features three terminals: * **COM (Common):** The input terminal. * **NO (Normally Open):** The circuit is completed when the lever is pressed. * **NC (Normally Closed):** The circuit is completed when the switch is at rest. ### Snap-Action Mechanism The "D4" series utilizes a spring-loaded mechanism that ensures rapid contact transfer regardless of the speed of the physical actuation. This minimizes **arcing** and extends the electronic life of the contacts. ### Environmental Ruggedness * **Operating Temperature:** Typically rated from **-40°C to +85°C** (or +125°C for high-temp variants). * **Flammability:** The housing is usually made from PET (UL 94 V-0) to prevent ignition in case of an electrical fault. --- ## 3. Terminal Layout (R1ML Suffix) The suffix **R1ML** dictates the physical orientation and actuation style: 1. **Terminal Style:** The "ML" usually indicates a specific PCB mounting orientation (Left-hand side or specific pin spacing). 2. **Actuator:** The "R1" generally refers to a specific lever length or shape (e.g., a short straight lever or a simulated roller). --- ## 4. Typical Applications Because of its small size and precise switching, the D429-R1ML is found in: * **Automotive:** Door latch sensing and seatbelt detection. * **Home Appliances:** Safety interlocks in microwaves or vacuum cleaners. * **Industrial:** Limit switches for 3D printers or CNC end-stops. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum mechanical lifespan (cycles) for the ZF D4 series?
    • ⤷ How do I distinguish between the NO and NC pins on the PCB layout?
    • ⤷ Are there waterproof (IP67) versions of this specific microswitch?