Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • D433-R1AA

  • AI
    The **D433-R1AA** is a specific electronic component, most commonly identified as a **Subminiature Microswitch** manufactured by **ZF Electronics** (formerly Cherry). These switches are widely used in industrial controls, automotive electronics, and home appliances due to their high reliability and compact size. --- ### 1. Technical Specifications Below are the primary electronic and physical characteristics of the D433-R1AA: | Parameter | Specification | | :--- | :--- | | **Switch Type** | Subminiature Microswitch | | **Circuitry** | SPDT (Single Pole Double Throw) | | **Current Rating** | 6A at 250VAC | | **Operating Force** | ~75cN (centi-Newtons) | | **Actuator Type** | Simulated Roller Lever | | **Terminal Type** | PCB Terminals (Right Angle) | | **Operating Temperature** | -40°C to +85°C | | **Mechanical Life** | 50,000 cycles (minimum) | --- ### 2. Key Electronic Features * **Contact Material:** Typically utilizes Silver (Ag) or Silver Alloy contacts to ensure low contact resistance and high durability under electrical load. * **Switching Function:** As an SPDT switch, it features one common terminal, one normally open (NO) terminal, and one normally closed (NC) terminal. This allows it to either complete or break a circuit when pressed. * **Right-Angle PCB Mounting:** The "R1" designation often refers to the terminal configuration, allowing the switch to be mounted flat on a printed circuit board while the actuator faces outward. --- ### 3. Internal Circuit Diagram To visualize the electronic behavior, consider the standard SPDT configuration used in this part: ```mermaid graph LR C[Common Terminal] --- NC[Normally Closed] C -.-> NO[Normally Open] subgraph Action Trigger[Press Lever] end ``` --- ### 4. Common Applications * **Safety Interlocks:** Detecting if a door or panel is open/closed in industrial machinery. * **Limit Switching:** Used in 3D printers or CNC machines to define the "Home" position of an axis. * **Consumer Electronics:** Power buttons or mode selectors in small appliances. * **Automotive:** Latch sensors and seatbelt detection modules.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the D433-R1AA and the standard D4 series switches?
    • ⤷ Can this switch be used for DC voltage applications
    • ⤷ and what are the limitations?
    • ⤷ What are the soldering requirements for the PCB terminals of this component?