Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • D44A1-R

  • AI
    The **D44A1-R** is an NPN power transistor designed for general-purpose switching and amplifier applications. It belongs to the D44A series and is known for its high-speed switching capabilities and low saturation voltage. ### 1. Key Technical Specifications Below are the primary electrical characteristics of the D44A1-R: | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | **Collector-Emitter Voltage** | $V_{CEO}$ | 30 | Volts | | **Collector-Base Voltage** | $V_{CBO}$ | 30 | Volts | | **Emitter-Base Voltage** | $V_{EBO}$ | 5.0 | Volts | | **Continuous Collector Current** | $I_C$ | 1.0 | Amperes | | **Total Power Dissipation ($T_c = 25^\circ C$)** | $P_D$ | 6.25 | Watts | | **DC Current Gain** | $h_{FE}$ | 40 - 120 | - | | **Operating Junction Temp.** | $T_j$ | -55 to +150 | $^\circ C$ | --- ### 2. Physical Characteristics and Pinout The D44A1-R is typically housed in a **TO-126** (also known as SOT-32) package. This plastic package is compact and allows for easy mounting to a heat sink via a screw hole. **Pin Configuration:** 1. **Emitter (E):** Current exits the transistor. 2. **Collector (C):** Connected to the load. 3. **Base (B):** Controls the flow of current between Collector and Emitter. --- ### 3. Features and Applications #### Main Features * **Low Saturation Voltage:** Reduces power loss when the transistor is fully turned on (Conducting state). * **Fast Switching:** Suitable for high-frequency pulse applications. * **Linear Gain:** Provides consistent amplification across its operating range. #### Common Applications * **Switching Regulators:** Used in power supply circuits to turn power on/off rapidly. * **DC-DC Converters:** Helping convert voltage levels in battery-operated devices. * **Signal Amplification:** Acting as a driver stage for audio amplifiers or small motors. * **Relay Drivers:** Turning on electromechanical relays using a low-power microcontroller signal. --- ### 4. Comparison with Equivalents If the D44A1-R is unavailable, the following transistors are often considered as functional equivalents, though always verify the pinout and voltage ratings: * **BD135 / BD139:** Similar power ratings and package. * **MJE182:** Often used in similar power switching roles.
    ✨ Follow-up Questions
    • ⤷What is the maximum frequency response (fT) for the D44A1 series?
    • ⤷ Can this transistor be driven directly by a 3.3V microcontroller?
    • ⤷ What is the recommended heat sink size for 1A continuous operation?