Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • D4G0106S-R60F

  • AI
    The **D4G0106S-R60F** is a specialized electronic component, typically categorized as a **rotary switch**. These switches are designed for manual circuit selection and are commonly used in industrial controls, audio equipment, and testing instruments. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the D4 series rotary switches, here are the primary technical characteristics: | Parameter | Specification Details | | :--- | :--- | | **Component Type** | Rotary Switch | | **Circuit Configuration** | 1 Pole, 6 Positions (Typical) | | **Switching Type** | Shorting (Make-before-break) or Non-shorting | | **Contact Material** | Often Silver-plated or Gold-plated for low resistance | | **Mounting Type** | Panel Mount | | **Termination Style** | Solder Lug / PC Pin | ### 2. Physical Construction The part is built using several distinct layers and materials to ensure durability: * **Wafer (Deck):** Usually made of **Diallyl Phthalate (DAP)** or ceramic. This provides high insulation resistance and heat stability. * **Rotor:** The moving part that connects the common terminal to the selected position. * **Stator:** The stationary base where the solder terminals are located. * **Indexing Mechanism:** This provides the "click" feel (detent) and ensures the switch stays in the selected position. ### 3. Electronic Functionality The **D4G0106S-R60F** operates as a mechanical selector. In a circuit, it performs the following roles: 1. **Signal Routing:** Directs an input signal to one of six different output paths. 2. **Logic Selection:** Can be used to change the gain of an amplifier, select a frequency band, or toggle between different sensor inputs. 3. **High Reliability:** Because it is a mechanical switch, it offers excellent isolation between open contacts and can often handle higher voltages/currents than solid-state multiplexers. ### 4. Application Examples * **Industrial Machinery:** Selecting operating modes (Manual, Auto, Calibration). * **Audio Gear:** Input selectors for pre-amplifiers or channel switching. * **Test Equipment:** Changing ranges on a multimeter or oscilloscope. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the D4G series switches?
    • ⤷ How does a 'shorting' contact differ from a 'non-shorting' contact in this switch?
    • ⤷ What are the environmental sealing ratings (IP rating) for this specific model?