Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • D965-R

  • AI
    ## Technical Overview: 2SD965-R Transistor The **D965-R** (full part number **2SD965-R**) is a high-current, low-voltage NPN epitaxial silicon transistor. It is widely recognized for its high current handling capability relative to its small TO-92 package size. ### 1. Key Specifications The following table highlights the absolute maximum ratings and electrical characteristics for the D965-R: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 40 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 20 | V | | Emitter-Base Voltage | $V_{EBO}$ | 7 | V | | Collector Current (DC) | $I_C$ | 5 | A | | Collector Current (Pulse) | $I_{CP}$ | 8 | A | | Collector Power Dissipation | $P_C$ | 750 | mW | | Junction Temperature | $T_j$ | 150 | °C | --- ### 2. The "R" Classification The suffix **-R** refers to the **hFE (DC Current Gain)** classification. Transistors are binned during manufacturing based on their gain range. | Rank | Gain Range (hFE) | | :--- | :--- | | Q | 230 ~ 380 | | **R** | **340 ~ 600** | | S | 560 ~ 950 | *The **R** variant is highly sought after because it offers a high gain, meaning a small base current can control a very large collector current.* --- ### 3. Pin Configuration When looking at the flat side of the **TO-92** package with the leads pointing down, the pinout is as follows: 1. **Emitter (E)** 2. **Collector (C)** 3. **Base (B)** --- ### 4. Common Applications Due to its high peak current (up to 8A pulsed) and low saturation voltage, the D965-R is ideal for: * **Camera Flash Units:** Charging capacitors quickly. * **DC-DC Converters:** Voltage boosting circuits in battery-powered devices. * **Motor Drivers:** Controlling small DC motors in toys or robotics. * **Strobe Lights:** Handling high-frequency pulse switching. --- ### 5. Critical Comparison It is often compared to the **SS8050**, but the D965 is significantly more powerful in terms of peak current handling. ```text Comparison: - SS8050: Ic = 1.5A - 2SD965: Ic = 5.0A (Superior for high-load pulses) ```
    ✨ Follow-up Questions
    • ⤷ What are the best PNP complementary transistors for the 2SD965-R?
    • ⤷ How does the low saturation voltage of this transistor benefit battery-operated devices?
    • ⤷ Can the D965-R be used in continuous 5A applications without a heatsink?