Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DA-3-R

  • AI
    The **DA-3-R** (often associated with the **DA series** of miniature high-voltage power supplies or specific relay/sensor modules) typically refers to a specialized electronic component used in precision power management or signal switching. Below is an overview of the electronic characteristics and specifications generally associated with this part number in the context of high-voltage DC-DC converters or relays. --- ## 1. Technical Specifications If the DA-3-R refers to a **High-Voltage DC-DC Converter** (common in scientific and medical instrumentation), the specifications usually include: | Parameter | Typical Value | | :--- | :--- | | **Input Voltage** | 5V DC or 12V DC (depending on specific variant) | | **Output Voltage** | 0 to 3,000V DC (3kV) | | **Output Power** | 1W to 3W | | **Polarity** | Reversible or Fixed (Positive/Negative) | | **Package Type** | Through-hole PCB mount | | **Isolation** | High isolation voltage between input and output | --- ## 2. Key Electronic Features * **Proportional Control:** The output voltage is typically proportional to the input voltage. As you increase the input from 0V to the maximum rated input, the output scales accordingly. * **Low Ripple:** These modules are designed for high stability with very low electrical noise (ripple), making them suitable for detectors and sensors. * **Encapsulation:** The internal circuitry is usually "potted" (encased in epoxy) to prevent electrical arcing and to provide environmental protection. * **Compact Footprint:** Designed for high-density PCB layouts where space is limited. --- ## 3. Common Applications The DA-3-R and similar components are critical in the following fields: 1. **Photomultiplier Tubes (PMT):** Providing the high-bias voltage required for light detection. 2. **Ionization Chambers:** Used in radiation detection equipment. 3. **Electrostatic Chucks:** Used in semiconductor manufacturing. 4. **Piezoelectric Actuators:** Driving precision mechanical movements. --- ## 4. Usage Precautions > [!WARNING] > **High Voltage Hazard:** The DA-3-R can generate voltages exceeding 1,000V. * **Creepage and Clearance:** Ensure sufficient spacing on the PCB between high-voltage traces and low-voltage control signals. * **Grounding:** Proper common grounding is essential to prevent noise interference and ensure safety. * **No Load Protection:** Some models require a minimum load to maintain stability; check the specific datasheet for "No-Load" operational limits. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of your DA-3-R component?
    • ⤷ Do you need a wiring diagram for the input and output pins?
    • ⤷ Are you using this part for a specific medical or industrial application?