Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DA-SW08-RJ

  • AI
    The **DA-SW08-RJ** is a specific electronic component, typically categorized as a **8-Port Unmanaged Fast Ethernet Switch Module** or a specialized RJ45 breakout/connector board used in industrial automation and networking. Below is a breakdown of its electronic components, technical specifications, and internal architecture. --- ### 1. Key Technical Specifications The device is designed for core networking tasks, prioritizing simplicity and reliability. | Feature | Specification | | :--- | :--- | | **Port Count** | 8 x RJ45 Ports | | **Speed** | 10/100 Mbps (Fast Ethernet) | | **Interface Type** | RJ45 (8P8C) | | **Input Voltage** | Typically 5V - 12V DC (depending on the specific PCB revision) | | **Standards** | IEEE 802.3, 802.3u (10Base-T, 100Base-TX) | | **Indicator LEDs** | Link/Activity status for each port | --- ### 2. Core Electronic Components The internal PCB of the DA-SW08-RJ consists of several critical subsystems: #### A. The Ethernet Switch Controller (IC) The "brain" of the module is an integrated circuit (often from Realtek or Broadcom). * **Function:** Manages the MAC address table and handles packet switching between the 8 ports. * **Store-and-Forward:** It validates checksums before forwarding data to prevent network errors. #### B. Magnetic Isolation Transformers Located directly behind the RJ45 jacks or integrated into the jacks themselves (MagJacks). * **Function:** Provides electrical isolation (usually up to 1500V) between the network cable and the internal electronics to protect against ground loops and static. #### C. Power Management Circuitry * **Voltage Regulators:** Converts the input DC voltage down to the 3.3V or 1.2V required by the switching IC. * **Decoupling Capacitors:** Small ceramic capacitors placed near the IC to filter out high-frequency noise. #### D. Signal Protection * **TVS Diodes:** Often included on high-quality modules to protect the data lines from ESD (Electrostatic Discharge) and surges. --- ### 3. Connection Pinout (Internal/Header) If using the module version (DA-SW08) rather than the standalone box, the power pins are usually labeled as follows: ```markdown Pin 1: VCC (Power Input +) Pin 2: GND (Ground -) LED Pins: Signal outputs for remote status monitoring ``` --- ### 4. Typical Applications * **Industrial Control Panels:** Networking multiple PLCs or HMIs in a tight space. * **Custom Enclosures:** Adding Ethernet capabilities to a DIY server or IoT gateway. * **Robotics:** Connecting onboard computers (Raspberry Pi/Jetson) to IP cameras and sensors.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power consumption of the DA-SW08-RJ during full load?
    • ⤷ Does this model support Auto-MDI/MDIX for crossover cables?
    • ⤷ Is there a version of this module that supports Gigabit speeds (1000Mbps)?