Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DA103MC-R

  • AI
    The **DA103MC-R** is a high-performance, surface-mount (SMD) digital audio transformer manufactured by **Murata Power Solutions**. It is specifically designed to improve the transmission of digital audio signals by providing galvanic isolation and impedance matching. --- ## 1. Core Technical Specifications The following table outlines the primary electrical characteristics of the DA103MC-R: | Feature | Specification | | :--- | :--- | | **Turns Ratio** | 1:1 | | **Primary Inductance** | 5.0 mH (Minimum) | | **Leakage Inductance** | 0.50 µH (Maximum) | | **Interwinding Capacitance** | 30 pF (Maximum) | | **DC Resistance (DCR)** | 0.90 Ω (Maximum) | | **Isolation Voltage** | 2000 Vrms | | **Package Type** | Surface Mount (SMD) | --- ## 2. Key Components and Functions ### Signal Isolation The primary function of this part is to provide **galvanic isolation** between the source and the load. This prevents ground loops, which are a major cause of hum and noise in digital audio systems. ### Impedance Matching The 1:1 turns ratio ensures that the characteristic impedance of the transmission line (typically 75Ω for S/PDIF or 110Ω for AES/EBU) remains consistent, minimizing signal reflections and jitter. ### Electromagnetic Interference (EMI) Suppression The DA103MC-R is designed to suppress common-mode noise. By using high-quality ferrite cores, it ensures that high-frequency interference does not pollute the audio signal. --- ## 3. Typical Applications The DA103MC-R is commonly found in high-end consumer and professional audio equipment: * **S/PDIF Interfaces:** Coaxial digital inputs and outputs on DACs and receivers. * **AES/EBU Connections:** Professional balanced digital audio routing. * **Digital Mixing Consoles:** For clean signal distribution between modules. * **PC Audio Interfaces:** Protecting sensitive audio circuitry from noisy computer power supplies. --- ## 4. Implementation Example In a typical S/PDIF output circuit, the DA103MC-R is placed between the driver IC and the RCA connector. ```c // Conceptual Circuit Layout [Driver IC] ----> [DA103MC-R Pin 1] [DA103MC-R Pin 6] ----> [RCA Center Pin] ----> [DA103MC-R Pin 2] [DA103MC-R Pin 4] ----> [RCA Ground] (Primary Side) (Secondary Side) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the DA103MC-R and the DA101MC series?
    • ⤷ How does leakage inductance affect the jitter in digital audio signals?
    • ⤷ Can this transformer be used for both 75 ohm and 110 ohm applications?