Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DASCOUP6DBNF

  • AI
    The **DASCOUP6DBNF** is a specific part number typically associated with **Direct Attach Steel (DAS) Copper Cables**, often featuring **6dB** attenuation and a **N-Female** connector configuration. These components are primarily used in distributed antenna systems (DAS), telecommunications, and RF signal distribution. ### 1. Key Technical Specifications Based on the part nomenclature, the electronic and mechanical characteristics are generally as follows: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Fixed Attenuator / Cable Assembly | Used to reduce signal power without distorting the waveform. | | **Attenuation Value** | 6 dB | Reduces the input signal power by exactly 6 decibels. | | **Connector Type** | N-Female (NF) | A threaded RF connector used for high-power, durable connections. | | **Impedance** | 50 Ohms | Standard impedance for RF and telecommunications equipment. | | **Frequency Range** | Typically DC - 3 or 6 GHz | Designed to handle common cellular and Wi-Fi bands. | --- ### 2. Breakdown of the Part Number The alphanumeric string provides specific details about the part's build: * **DAS:** Refers to **Distributed Antenna Systems**. These parts are designed to maintain signal integrity across large buildings or stadiums. * **COUP:** Often short for **Coupler** or **Coupling**, though in this specific context, it usually identifies a specific line of fixed attenuator products. * **6DB:** This is the electronic rating. A **6dB** reduction represents a 75% decrease in signal power (half the voltage). * **NF:** Indicates the interface is an **N-type Female** connector. --- ### 3. Electronic Functionality The primary electronic role of this part is **Signal Leveling**. In a DAS environment: 1. **Overpower Protection:** If a signal coming from a base station is too strong for a local antenna, this part absorbs the excess energy. 2. **Heat Dissipation:** It contains internal resistive elements that convert excess RF energy into a small amount of heat. 3. **Passive Intermodulation (PIM) Control:** High-quality versions of these parts are "Low-PIM," meaning they prevent the creation of interference that occurs when two frequencies mix in non-linear components. ### 4. Common Applications * **In-Building Wireless:** Distributing cellular signals from carriers like Verizon or AT&T inside high-rise offices. * **Test & Measurement:** Used between a signal generator and an analyzer to protect sensitive input ports. * **Base Station Infrastructure:** Adjusting the output power of Remote Radio Units (RRUs).
    ✨ Follow-up Questions
    • ⤷ What is the power rating (in Watts) for the DASCOUP6DBNF?
    • ⤷ How does a 6dB attenuator affect the signal voltage compared to the signal power?
    • ⤷ Are there Low-PIM versions of this specific part for 5G applications?