Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DBCUSB2AB0.5M

  • AI
    The **DBCUSB2AB0.5M** is a standardized industrial-grade electronic assembly, typically categorized as a USB 2.0 interface cable. The part number follows a specific nomenclature used by manufacturers to define its electrical and physical characteristics. --- ### 1. Breakdown of the Part Number | Segment | Meaning | Technical Specification | | :--- | :--- | :--- | | **DBC** | Manufacturer/Series | Often refers to Data/Bus Connection series. | | **USB2** | Protocol | USB 2.0 standard (High Speed). | | **A** | Connector 1 | USB Type-A (Standard Host connector). | | **B** | Connector 2 | USB Type-B (Standard Device connector, often for printers/industrial gear). | | **0.5M** | Length | 0.5 Meters (approx. 1.6 feet). | --- ### 2. Internal Electronic Components While it appears to be a simple cable, the internal construction involves specific electronic engineering to meet USB 2.0 specifications: * **Conductors (Wiring):** * **Data Pair:** Two twisted wires (Green and White) for differential signaling ($D+$ and $D-$). The twisting is essential to cancel out Electromagnetic Interference (EMI). * **Power Pair:** Two wires (Red for $+5V$ and Black for Ground) typically ranging from 24 AWG to 28 AWG. * **Shielding:** * **Al箔 (Aluminum Mylar):** Provides 100% coverage against high-frequency interference. * **Braided Shield:** Tinned copper braid provides structural strength and low-frequency EMI protection. * **Connectors:** * **Gold-Plated Contacts:** Usually 1$\mu$ to 30$\mu$ gold plating to prevent oxidation and ensure low contact resistance. * **Overmold:** PVC or PE material providing strain relief to the internal solder points. --- ### 3. Electrical Characteristics | Parameter | Value | | :--- | :--- | | **Data Transfer Rate** | Up to 480 Mbps | | **Max Voltage** | 5V DC | | **Max Current** | 500mA (Standard USB 2.0 limit) | | **Characteristic Impedance** | $90\Omega \pm 15\%$ (Differential) | | **Insulation Resistance** | $10M\Omega$ Min | --- ### 4. Typical Applications Because of the **Type-B** connector and the short **0.5M** length, this part is commonly used for: * Connecting **Arduino Uno/Mega** boards to a PC. * Industrial **PLC** (Programmable Logic Controller) programming. * High-fidelity **USB DACs** (Digital-to-Analog Converters) where short cable lengths reduce jitter. * Desktop peripherals like printers and scanners.
    ✨ Follow-up Questions
    • ⤷ What is the difference in shielding between a standard and an industrial USB cable?
    • ⤷ How does cable length affect the signal integrity of USB 2.0?
    • ⤷ What are the specific pinouts for the USB Type-A and Type-B connectors?