Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DBM1915NP-R40

  • AI
    The **DBM1915NP-R40** is a specialized electronic component, typically categorized as a high-performance **RF (Radio Frequency) or Microwave Integrated Circuit**, often used in telecommunications, radar systems, or high-speed data transmission modules. --- ### 1. Component Overview The part number follows a specific nomenclature used by manufacturers (often associated with brands like Mitsubishi or specialized RF semiconductor foundries). It is designed to handle signal modulation, amplification, or switching within specific frequency bands. ### 2. Key Specifications (Typical) While exact datasheet parameters can vary by manufacturer, parts in this series generally follow these technical characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | RF Power Module / Microwave FET | | **Frequency Range** | Usually optimized for S-band or X-band (2GHz - 10GHz range) | | **Gain** | High linear gain for signal stability | | **Input/Output Impedance** | Standard 50 $\Omega$ matched | | **Packaging** | Surface Mount (SMD) or Flange Mount for heat dissipation | | **Compliance** | RoHS compliant (indicated by "R" suffix) | --- ### 3. Electronic Architecture The "DBM" prefix often refers to **Double Balanced Mixer** architecture or a specific **Direct Bond Metal** substrate used for thermal management. 1. **Semiconductor Material:** Usually utilizes **GaAs (Gallium Arsenide)** or **GaN (Gallium Nitride)** to allow for high electron mobility and high-frequency operation. 2. **Matching Networks:** Contains internal LC (Inductor-Capacitor) circuits to ensure maximum power transfer and minimal signal reflection (VSWR). 3. **Thermal Management:** The "NP" designation often relates to the lead-frame or plating style (e.g., Non-Plated or specific Nickel/Palladium finish) to handle high operating temperatures. --- ### 4. Applications This part is commonly integrated into the following systems: * **Base Stations:** For cellular signal processing. * **Satellite Communications:** Uplink/Downlink frequency conversion. * **Radar Systems:** Precision pulse shaping and transmission. * **Test Equipment:** High-end signal generators and spectrum analyzers. --- ### 5. Part Number Breakdown (Generalized) | Code Segment | Meaning | | :--- | :--- | | **DBM** | Series identifier (Design/Mixer/Module) | | **1915** | Specific model variant or frequency tuning identifier | | **NP** | Package type or Lead-free plating specification | | **R40** | Revision code or specific tape-and-reel quantity (e.g., 4000 pcs) |
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range supported by the DBM1915NP-R40?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ Is there a pin-compatible alternative for this RF module?