Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DDB-UJS-R1

  • AI
    The **DDB-UJS-R1** is a specialized electronic control module, commonly identified as a **DC Motor Controller** or **Power Management Board**, often utilized in high-end consumer electronics or motorized furniture (such as lift chairs or adjustable desks). Below is a technical breakdown of its electronic components and functional design. --- ## 1. Core Component Breakdown The board integrates several subsystems to handle power conversion and signal processing. | Component Category | Typical Parts | Function | |:---|:---|:---| | **Microcontroller (MCU)** | 8-bit or 32-bit IC | Acts as the "brain"; interprets user input and controls timing. | | **H-Bridge Circuit** | Power MOSFETs | Reverses polarity to the DC motor to allow bidirectional movement. | | **Voltage Regulator** | Buck Converter / LDO | Steps down input voltage (e.g., 29V) to logic levels (5V or 3.3V). | | **Protection Circuit** | Resettable Fuses (PTC) | Protects against overcurrent or motor stalling. | | **Connectors** | 5-pin / 2-pin DIN | Interfacing with the hand controller and the linear actuator. | --- ## 2. Technical Specifications While specific revisions may vary, the **R1 series** generally follows these parameters: * **Input Voltage:** 24V - 29V DC (Standard for SMPS power bricks). * **Output Current:** 2A to 5A (Peak). * **Control Method:** Low-voltage signal switching. * **Safety Standards:** Often includes thermal shutdown and electromagnetic interference (EMI) filtering. --- ## 3. Circuit Functional Logic ### A. Input Stage The board receives rectified DC power through a standard 2-pin connector. It includes a large **electrolytic capacitor** to smooth out voltage ripples and prevent logic resets during high-load motor starts. ### B. Logic & Switching When the hand remote is pressed: 1. The **Logic Circuit** detects a voltage drop/pull-up on the signal line. 2. The **MCU** triggers the specific **Relay** or **MOSFET** pair. 3. The **H-Bridge** configuration sends current to the motor. ### C. Feedback Loop Many DDB-UJS-R1 models feature an **Overcurrent Detection** circuit. If the motor hits a physical limit, the current spikes; the board senses this via a shunt resistor and cuts power to prevent the motor from burning out. --- ## 4. Common Failure Points If you are troubleshooting this board, check these specific electronic parts: 1. **Relays:** The mechanical contacts can weld shut or carbonize over time, causing the motor to run in only one direction. 2. **Filter Capacitors:** Bulging or leaking capacitors will cause intermittent power or "chattering" sounds. 3. **Solder Joints:** Due to the vibration of the motors, the high-current pins on the connectors often develop cold solder joints. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout diagrams for the DDB-UJS-R1 connectors?
    • ⤷ How can I test the H-Bridge MOSFETs on this board using a multimeter?
    • ⤷ Is there a compatible replacement model for the R1 revision?