Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DEF119NP-R32M

  • AI
    The **DEF119NP-R32M** is a high-performance **Surface Mount Device (SMD) Fixed Inductor** (Power Choke) manufactured by **Toko** (now a subsidiary of **Murata**). It is part of the DEF series, specifically designed for high-current applications and Class-D audio amplifiers. --- ## ## Technical Specifications The following table summarizes the primary electrical and physical characteristics of the component: | Parameter | Value | | :--- | :--- | | **Inductance** | 3.2 µH | | **Tolerance** | ±20% | | **DC Resistance (Max)** | 8.8 mΩ (typical 7.3 mΩ) | | **Rated Current (Saturation)** | 10.3 A | | **Rated Current (Temp Rise)** | 8.5 A | | **Frequency Range** | Up to 1 MHz (typical usage) | | **Operating Temperature** | -40°C to +85°C | | **Dimensions** | 12.0 mm x 12.0 mm x 10.0 mm | --- ## ## Core Features ### 1. Magnetic Shielding The DEF119NP series uses a **magnetically shielded structure**. This is critical for preventing Electromagnetic Interference (EMI) with neighboring components on the PCB, which is especially important in high-density power circuits. ### 2. High Current Handling The "R32M" designation indicates a 3.2 microhenry inductance. Despite its relatively small footprint, it can handle a saturation current exceeding **10 Amperes**, making it suitable for power-hungry devices. ### 3. Flat Wire Construction This part typically utilizes flat-wire (ribbon) winding technology. This reduces "Skin Effect" losses at high frequencies and allows for lower DC resistance (DCR) compared to standard round-wire inductors, leading to higher efficiency. --- ## ## Common Applications * **Class-D Audio Amplifiers:** Its low distortion characteristics make it ideal for output filters in digital audio systems. * **DC-DC Converters:** Used as a storage inductor in buck/boost regulators for telecommunications and industrial equipment. * **LED Lighting Drivers:** Providing stable current filtration for high-power LED arrays. * **Power Supplies:** General-purpose noise filtering in high-current power rails. --- ## ## Ordering Information Breakdown The part number can be decoded as follows: * **DEF**: Series name (Shielded Power Inductor). * **119**: Size/Frame code (approx. 12x12x10mm). * **NP**: Packaging/Termination style (Lead-free/RoHS compliant). * **R32**: Inductance value (R indicates decimal; 3.2 µH). * **M**: Tolerance (M = ±20%).
    ✨ Follow-up Questions
    • ⤷What are the recommended soldering profiles for the DEF119NP series?
    • ⤷ How does the saturation current of this inductor change at higher temperatures?
    • ⤷ Is there a direct Murata replacement part if the Toko version is discontinued?