Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DF110M

  • AI
    The **DF110M** is a high-performance, single-phase glass passivated bridge rectifier commonly used in power supplies, chargers, and LED lighting drivers. It is designed to convert Alternating Current (AC) into Direct Current (DC). ### 1. Key Technical Specifications The following table highlights the critical electrical characteristics of the DF110M component: | Parameter | Symbol | Value | Unit | |:---|:---:|:---:|:---:| | Maximum Repetitive Peak Reverse Voltage | $V_{RRM}$ | 1000 | Volts | | Maximum RMS Bridge Input Voltage | $V_{RMS}$ | 700 | Volts | | Maximum Average Forward Rectified Current | $I_{F(AV)}$ | 1.0 | Amperes | | Peak Forward Surge Current (8.3ms single half sine-wave) | $I_{FSM}$ | 30 | Amperes | | Maximum Forward Voltage Drop (at 1.0A DC) | $V_F$ | 1.1 | Volts | | Operating Junction Temperature Range | $T_J$ | -55 to +150 | °C | --- ### 2. Physical Construction and Package The "M" suffix typically refers to the package type. The DF110M usually comes in a **DF-M (DIP-4)** package, which is a through-hole design. * **Case Material:** Molded plastic (UL Flammability Classification 94V-0). * **Terminals:** Plated leads solderable per MIL-STD-202. * **Polarity:** Polarity symbols are marked on the body (+, -, and two AC symbols). * **Mounting Position:** Any. ### 3. Internal Circuitry Internally, the DF110M consists of four silicon rectifying diodes connected in a **Bridge Configuration**. ```text AC Input (~) ----|>|---- (+) DC Output | (D1) | |----|<|---- (-) DC Output (D2) AC Input (~) ----|>|---- (+) DC Output | (D3) | |----|<|---- (-) DC Output (D4) ``` ### 4. Common Applications * **AC/DC Adapters:** Converting wall outlet power for small electronics. * **SMPS (Switching Mode Power Supplies):** Acting as the primary rectification stage. * **LED Drivers:** Providing stable DC current for lighting arrays. * **Home Appliances:** Used in the control boards of microwave ovens, fans, and washers. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between DF110M and DF10S?
    • ⤷ How do I calculate the heat dissipation for a DF110M in a circuit?
    • ⤷ Can the DF110M be used in high-frequency switching applications?