Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DFE201210U-R33M

  • AI
    The **DFE201210U-R33M** is a high-performance, miniature power inductor manufactured by **Murata Electronics**. It is part of the DFE series, which utilizes metal alloy magnetic materials to achieve high current capabilities in a compact footprint. ### 1. Technical Specifications The following table outlines the primary electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.33 µH | | **Tolerance** | ±20% (M) | | **Rated Current (Isat)** | 5.2 A (Max) | | **Rated Current (Itemp)** | 4.0 A (Max) | | **DC Resistance (DCR)** | 23 mΩ (Max) | | **Case Size (EIA)** | 0805 | | **Dimensions (LxWxH)** | 2.0 x 1.2 x 1.0 mm | | **Operating Temp** | -40°C to +125°C | --- ### 2. Key Features and Construction The "U" in the part number signifies a specific construction style focused on efficiency and height profile. * **Metal Alloy Core:** Unlike traditional ferrite inductors, this part uses a metal powder core. This allows for **Soft Saturation** characteristics, meaning the inductance drops gradually as current increases rather than dropping off sharply. * **Magnetic Shielding:** The molded construction naturally provides magnetic shielding, reducing Electromagnetic Interference (EMI) with surrounding components on the PCB. * **Low Profile:** With a maximum height of 1.0 mm, it is ideal for ultra-thin consumer electronics. --- ### 3. Part Number Breakdown Understanding the nomenclature helps in identifying variants: | Segment | Meaning | | :--- | :--- | | **DFE** | Series Name (Metal Alloy Inductor) | | **2012** | Dimensions (2.0mm x 1.2mm) | | **10** | Height (1.0mm) | | **U** | Product specific code (Structure/Material) | | **R33** | Inductance value (R33 = 0.33 µH) | | **M** | Tolerance (M = ±20%) | --- ### 4. Common Applications Due to its high current handling and small size, the DFE201210U-R33M is typically used in: * **DC-DC Converters:** Point-of-Load (POL) modules for smartphones and tablets. * **Power Management Integrated Circuits (PMICs):** Providing stable voltage to CPUs and GPUs. * **Wearable Devices:** Where PCB real estate is extremely limited.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Isat and Itemp for this inductor?
    • ⤷ Are there automotive-grade equivalents for the DFE series?
    • ⤷ How does a metal alloy core compare to a traditional ferrite core in power efficiency?