Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DFP201612NF-R47M

  • AI
    ## Overview of DFP201612NF-R47M The **DFP201612NF-R47M** is a surface-mount (SMD) power inductor commonly used in compact electronic devices. It is part of the metal alloy inductor family, designed for high-efficiency power conversion in space-constrained environments. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's physical and electrical characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **DFP** | Series Name | Metal Alloy Power Inductor | | **201612** | Dimensions (LxWxH) | 2.0mm x 1.6mm x 1.2mm | | **NF** | Internal Code | Material/Process indicator | | **R47** | Inductance Value | 0.47 µH | | **M** | Tolerance | ±20% | --- ### 2. Key Electrical Specifications These parameters define how the inductor performs under load: * **Inductance:** 0.47 µH. * **DC Resistance (DCR):** Low resistance (typically in the range of 21-26 mΩ) to minimize power loss as heat. * **Saturation Current (Isat):** The current level where inductance drops (usually around 4.0A - 5.5A depending on the specific manufacturer's rating). * **Temperature Rise Current (Irms):** The current that causes a 40°C rise in temperature (typically around 3.5A - 4.5A). * **Operating Temperature:** Generally ranges from -40°C to +125°C. --- ### 3. Construction and Material The "NF" designation often refers to a **Metal Powder Core** construction. * **Shielding:** It is magnetically shielded, which reduces Electromagnetic Interference (EMI) with neighboring components. * **Material:** Metal alloy cores offer better saturation characteristics (soft saturation) compared to traditional ferrite cores, meaning they don't lose inductance abruptly when current increases. --- ### 4. Common Applications Due to its small footprint and high current handling, it is primarily found in: 1. **DC-DC Converters:** Buck or Boost converters in smartphones and tablets. 2. **Wearables:** Smartwatches and IoT devices where PCB space is a premium. 3. **Power Modules:** Point-of-Load (POL) modules for CPUs or GPUs. --- ### 5. Benefits vs. Ferrite Inductors ```markdown - Higher Saturation: Handles higher peak currents without "crashing" the inductance. - Lower Profile: Achieves high performance in a 1.2mm height. - Better Thermal Stability: Performance remains more consistent across temperature fluctuations. ```
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative parts for the DFP201612NF-R47M?
    • ⤷ How does the 'soft saturation' of metal alloy cores differ from ferrite cores?
    • ⤷ What is the recommended solder reflow profile for this inductor?