Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DFP252010BF-R24M

  • AI
    The **DFP252010BF-R24M** is a high-performance power inductor, typically manufactured by **Cyntec** (or similar manufacturers following this naming convention). It is a surface-mount device (SMD) designed specifically for DC-DC conversion in compact electronic devices. ### 1. Part Number Breakdown Understanding the alphanumeric code explains the physical and electrical characteristics: | Code Segment | Meaning | Details | | :--- | :--- | :--- | | **DFP** | Series Code | High-current, low-profile metal alloy inductor series. | | **2520** | Case Size | Dimensions: 2.5mm x 2.0mm. | | **10** | Height | 1.0mm maximum thickness. | | **BF** | Material/Design | Specific internal material composition (usually metal powder). | | **R24** | Inductance Value | **0.24 µH** (R denotes the decimal point). | | **M** | Tolerance | **±20%** tolerance on the inductance value. | --- ### 2. Key Technical Specifications These parameters define how the part performs under electrical load: * **Inductance:** 0.24 µH. * **Operating Temperature:** Generally -40°C to +125°C. * **Material:** Metal Alloy (Molding type), which offers superior saturation characteristics compared to traditional ferrite. * **Saturation Current (Isat):** The current at which inductance drops by a specific percentage (e.g., 30%). For this part, it is typically very high for its size (often >6A). * **DC Resistance (DCR):** Low resistance to minimize power loss and heat generation. --- ### 3. Features and Advantages #### A. Metal Alloy Construction Unlike standard ferrite inductors, the "Molding" type uses metal powder. This results in **Soft Saturation**—the inductance decreases gradually as current increases, rather than dropping off sharply. This prevents sudden circuit failure during current spikes. #### B. Electromagnetic Shielding The molded construction naturally provides magnetic shielding, which reduces Electromagnetic Interference (EMI) with neighboring components on a crowded PCB. #### C. Low Profile With a height of only 1.0mm, it is ideal for: * Smartphones and Tablets. * Wearable technology (Smartwatches). * Thin SSDs (Solid State Drives). --- ### 4. Typical Applications This component is primarily used in **Point-of-Load (POL)** power modules and **DC-DC Buck Converters**: 1. **CPU/GPU Power Rails:** Providing stable current to high-speed processors. 2. **Battery Management Systems:** Efficiently converting battery voltage to lower logic levels. 3. **Wi-Fi/Bluetooth Modules:** Ensuring clean power with minimal noise.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Isat (Saturation Current) and Irms (Heating Current) for this inductor?
    • ⤷ How does the metal alloy core compare to a traditional ferrite core in terms of EMI?
    • ⤷ What are the recommended soldering profiles for the 2520 case size?