Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DFP252012TV-R33M

  • AI
    The **DFP252012TV-R33M** is a high-performance surface-mount (SMD) power inductor, commonly used in power management circuits for mobile electronics. It is part of the DFP series manufactured by companies like Cyntec (or similar power component specialists). --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.33 µH (Microhenries) | | **Tolerance** | ±20% (M) | | **Case Size** | 2520 (Metric: 2.5mm x 2.0mm) | | **Height** | 1.2 mm (Max) | | **Current Rating (Isat)** | Approx. 5.5A - 7.0A (Typical) | | **DC Resistance (DCR)** | Very low (mΩ range) | | **Core Material** | Metal Alloy (Metal Composite) | --- ## 2. Key Internal Components & Materials ### Metal Alloy Core Unlike traditional ferrite inductors, this part uses a **Metal Composite Powder**. * **Benefits:** This allows for a "soft saturation" characteristic, meaning the inductance decreases gradually rather than dropping off sharply when the current increases. * **Shielding:** The molded construction provides inherent magnetic shielding, reducing Electromagnetic Interference (EMI) with nearby components. ### Wire and Terminations * **Winding:** Copper wire is wound around the core to create the inductive loop. * **Terminations:** Typically Lead-free (Sn) plating over a copper base to ensure high conductivity and RoHS compliance. --- ## 3. Function in Electronic Circuits This inductor is primarily used in **DC-DC Buck Converters** (Step-down regulators). Its roles include: 1. **Energy Storage:** It stores energy in its magnetic field during the "ON" cycle of a switching regulator and releases it to the load during the "OFF" cycle. 2. **Current Smoothing:** It acts as a low-pass filter, converting a high-frequency square wave (from the MOSFETs) into a stable, smooth DC current. 3. **Efficiency:** Due to its low DCR (DC Resistance), it minimizes power loss as heat, extending battery life in portable devices. --- ## 4. Typical Applications * **Smartphones & Tablets:** Power rails for CPUs, GPUs, and Memory. * **Wearables:** Compact power modules for smartwatches. * **SSD/Storage:** Voltage regulation for high-speed data controllers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between 'soft saturation' in metal cores versus ferrite cores?
    • ⤷ How does the 1.2mm height impact the thermal performance of this inductor?
    • ⤷ What are the recommended soldering profiles for the 2520 metric package?