Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DI152S

  • AI
    The **DI152S** is a specific electronic component belonging to the category of **Bridge Rectifiers**. It is commonly used in power supplies to convert alternating current (AC) into direct current (DC). --- ## 1. Component Overview The DI152S is a surface-mount (SMD) bridge rectifier housed in a **DF-S package**. It consists of four integrated diodes connected in a bridge configuration. ### Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Maximum Peak Reverse Voltage** | 200V | The maximum voltage it can withstand in reverse bias. | | **Maximum RMS Voltage** | 140V | The maximum continuous AC voltage input. | | **Forward Current ($I_F$)** | 1.5A | The maximum average rectified output current. | | **Peak Surge Current ($I_{FSM}$)** | 50A | Maximum current for a brief 8.3ms pulse. | | **Package Type** | DF-S | A low-profile surface mount package. | | **Operating Temperature** | -55 to +150°C | The range of heat the device can safely handle. | --- ## 2. Key Features * **High Efficiency:** Low forward voltage drop (typically around 1.0V per diode), which minimizes power loss. * **Compact Design:** The SMD footprint saves significant PCB space compared to through-hole rectifiers. * **Glass Passivated Junction:** The internal silicon chips are coated with glass to improve reliability and stability under high temperatures. * **Safety Compliance:** Most versions are UL recognized and lead-free (RoHS compliant). --- ## 3. Pin Configuration The DI152S has 4 pins, usually marked on the body of the component: 1. **AC (~):** AC Input terminal. 2. **AC (~):** AC Input terminal. 3. **Positive (+):** Rectified DC positive output. 4. **Negative (-):** Rectified DC negative output (Ground). --- ## 4. Common Applications Because of its 1.5A rating and small size, the DI152S is ideal for: * **AC/DC Adapters:** Used in chargers for smartphones and laptops. * **LED Lighting:** Converting mains power to DC for LED drivers. * **Consumer Electronics:** Power boards for TVs, monitors, and set-top boxes. * **Home Appliances:** Small power supplies within microwaves or washing machines. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the DI152S and the DI1510S?
    • ⤷ Can I substitute a through-hole bridge rectifier for a DI152S?
    • ⤷ How do I calculate the power dissipation of this bridge rectifier in my circuit?