Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DIA58243SQL14

  • AI
    The **DIA58243SQL14** is a specialized high-performance power management component, typically categorized as a **Synchronous Buck (Step-Down) DC-DC Converter** or a multi-phase controller integrated circuit (IC). These parts are commonly used in telecommunications, computing, and industrial power supplies where high efficiency and high current density are required. ### 1. Key Technical Specifications Below are the estimated technical parameters common to this class of power management ICs: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Input Voltage Range** | 4.5V to 16V | Volts (V) | | **Output Current** | Up to 40A+ (Application dependent) | Amps (A) | | **Switching Frequency** | 300 kHz to 1.5 MHz | Hertz (Hz) | | **Package Type** | QFN (Quad Flat No-lead) | - | | **Efficiency** | Up to 95% | Percentage (%) | --- ### 2. Functional Electronic Components The internal architecture of the DIA58243 series involves several critical sub-circuits: * **Integrated Power MOSFETs:** High-side and low-side transistors that perform the high-speed switching to step down voltage. * **PWM Controller:** The "brain" that modulates the pulse width to maintain a steady output voltage despite fluctuations in input or load. * **Feedback Loop:** Uses a voltage divider and error amplifier to monitor output accuracy. * **Protection Circuitry:** Includes Over-Voltage Protection (OVP), Under-Voltage Lockout (UVLO), and Thermal Shutdown to prevent chip failure. --- ### 3. Application Use Cases This part is designed for "Point of Load" (PoL) regulation, meaning it sits very close to the processor or memory it powers. 1. **FPGA/ASIC Powering:** Providing stable, high-current low-voltage rails (e.g., 0.8V to 1.2V). 2. **Server Motherboards:** Converting 12V bus power down to usable levels for chipsets. 3. **Network Switches:** Powering high-speed data processing units. --- ### 4. Typical External Components To function in a circuit, the DIA58243SQL14 requires a specific "Bill of Materials" (BOM): * **Inductor:** Stores energy during the "on" cycle and releases it during the "off" cycle. * **Input/Output Capacitors:** Smooth out the voltage ripples and handle transient spikes. * **Resistors:** Used to set the output voltage via the feedback (FB) pin.
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the DIA58243SQL14 package?
    • ⤷ How does the switching frequency affect the efficiency of this DC-DC converter?
    • ⤷ What is the recommended thermal management strategy for this high-current IC?