Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DLC-100-R

  • AI
    The **DLC-100-R** typically refers to a **Digital Lighting Controller** or a specialized interface module (often associated with the Delta Controls or similar automation systems). It is designed to bridge digital control logic with physical electrical circuits, specifically for lighting management. ### Key Electronic Components and Specifications Below is a breakdown of the primary electronic aspects of the DLC-100-R: | Component Type | Description | Technical Function | | :--- | :--- | :--- | | **Microcontroller** | Central Logic Unit | Processes incoming network commands and manages output states. | | **Relay Modules** | Electromechanical Switches | Physical switches that open/close the high-voltage lighting circuits. | | **RS-485 Interface** | Communication Port | Uses BACnet or Proprietary protocols to communicate with a central BMS. | | **Power Supply** | AC to DC Rectifier | Converts 24VAC input power into stable DC for internal logic. | | **Status LEDs** | Diagnostic Indicators | Visual feedback for Power, Scan (Comm), and Relay status. | --- ### Functional Characteristics 1. **Input Power**: Usually operates on **24VAC**. It includes internal rectification to power the internal 5V or 3.3V logic gates. 2. **Relay Outputs**: The "R" in the model suffix often denotes **Relay**. These are typically rated for 10A to 20A, capable of handling inductive loads (ballasts) or resistive loads (incandescent). 3. **Network Communication**: * **Protocol**: Often utilizes MS/TP (Master-Slave/Token-Passing). * **Wiring**: Requires twisted-pair shielded cable for noise immunity in industrial environments. 4. **Hardware Overrides**: Most versions feature physical jumpers or DIP switches. These allow for: * Setting the hardware MAC address. * Manual "On/Off/Auto" control for testing without a network connection. ### Installation Architecture The electronic integration of the DLC-100-R follows this flow: * **Low Voltage Side**: 24VAC Power + RS-485 Communication wires. * **High Voltage Side**: Line voltage in, switched leg out to the lighting fixtures. * **Protection**: Internal varistors or snubbers are often present to protect the relay contacts from "arcing" when switching inductive lighting loads.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the RS-485 port on this controller?
    • ⤷ How do you configure the DIP switches for BACnet addressing?
    • ⤷ What is the maximum current rating for the relay outputs?