Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DLC-2A1-R

  • AI
    ## Technical Overview of DLC-2A1-R The **DLC-2A1-R** is an electronic controller, most commonly associated with **SICK Sensor Intelligence** or specialized LED lighting control systems (such as those used in machine vision). It is designed to regulate and trigger electronic signals for high-performance automation environments. --- ### Core Electronic Specifications The following table highlights the typical electronic parameters found in this series of controllers: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 24V DC (Standard industrial supply) | | **Output Channels** | 2 Independent Channels | | **Trigger Type** | External Trigger (NPN/PNP compatible) | | **Response Time** | High-speed (Microsecond range) | | **Communication** | RS-232 or Digital I/O (depending on variant) | | **Mounting** | DIN Rail compatible | --- ### Key Electronic Components & Functions #### 1. Power Regulation Circuit The device contains internal **DC-to-DC converters**. Since industrial power supplies can be "noisy," the DLC-2A1-R uses filtering capacitors and voltage regulators to ensure the output to sensitive components (like LEDs or sensors) remains stable and flicker-free. #### 2. Switching & Dimming Logic * **PWM (Pulse Width Modulation):** The controller uses high-frequency PWM to manage the intensity of the connected device without changing the color temperature or compromising the lifespan of the electronic load. * **Strobe Control:** It features MOSFET-based switching that allows for high-speed strobing, synchronized with a camera shutter or a PLC (Programmable Logic Controller) signal. #### 3. Protection Circuitry To prevent hardware failure, the electronic design includes: * **Overcurrent Protection:** Shuts down the output if a short circuit is detected. * **Reverse Polarity Protection:** Prevents damage if the 24V input wires are accidentally swapped. * **Thermal Management:** Internal sensors monitor heat dissipation during high-frequency switching. #### 4. Interface Terminals The unit typically uses **screw-terminal blocks** or **M12 connectors** for robust electrical contact in vibrating environments. The "R" in the model name often signifies a specific revision or a "Relay/Remote" capability for integrated logic. --- ### Application in Systems In a standard electronic setup, the DLC-2A1-R sits between the **Power Supply** and the **Load (e.g., LED Light)**. It receives a low-voltage trigger signal from a sensor and releases a precise burst of energy to the output device.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current output per channel for the DLC-2A1-R?
    • ⤷ How do I configure the RS-232 communication settings for this controller?
    • ⤷ Is there a specific software tool required to program the strobe timing?