DLC-2E1-R
AI

The **DLC-2E1-R** is an industrial-grade interface module, typically used in telecommunications and networking equipment. It is primarily designed as a **Dual-Port E1 (G.703) Interface Card**.
Below is a breakdown of its electronic components, technical specifications, and functions.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Port Count** | 2 Ports |
| **Interface Type** | E1 (G.703 / G.704) |
| **Data Rate** | 2.048 Mbps per port |
| **Line Coding** | HDB3 (High-Density Bipolar Order 3) |
| **Impedance** | 75 $\Omega$ (Unbalanced) / 120 $\Omega$ (Balanced) |
| **Connector Type** | Usually RJ-45 or BNC (via breakout cable) |
---
### 2. Major Electronic Subsystems
The circuitry of the DLC-2E1-R is composed of several critical electronic sections that handle the conversion of digital data into electrical pulses for long-distance transmission:
#### A. Line Interface Unit (LIU)
The LIU is the "front-end" of the card. It manages the physical electrical signals.
* **Pulse Shaping:** Ensures the outgoing square waves meet G.703 standards.
* **Clock Recovery:** Extracts the timing signal from the incoming data stream to stay synchronized with the network.
* **Jitter Attenuation:** Filters out small timing instabilities to prevent data corruption.
#### B. Framer IC
Once the electrical signal is digitized, the Framer organizes the bits into "Frames."
* **Synchronization:** Identifies the start of an E1 frame.
* **Error Checking:** Monitors CRC (Cyclic Redundancy Check) and Alarms (like AIS - Alarm Indication Signal).
* **Time-Slot Mapping:** If used in fractional E1, it maps specific 64kbps channels to data streams.
#### C. Protection Circuitry
Because E1 lines often travel long distances, they are prone to electrical surges.
* **Isolation Transformers:** Protect the internal logic from high-voltage spikes on the copper line.
* **TVS Diodes:** (Transient Voltage Suppression) protect against Electrostatic Discharge (ESD).
#### D. Local Bus Interface
This section manages communication between the E1 ports and the main CPU/Backplane of the router or multiplexer it is plugged into.
---
### 3. Functional Applications
The DLC-2E1-R is commonly utilized in the following scenarios:
1. **Legacy PBX Connection:** Connecting older office phone systems to modern digital backbones.
2. **Cellular Backhaul:** Linking base stations to the core network in 2G/3G infrastructures.
3. **Leased Lines:** Providing dedicated point-to-point 2Mbps data circuits for enterprise branches.
---
- ⤷
What are the pinout differences between the 75 ohm and 120 ohm modes?
- ⤷ How do I troubleshoot an 'Alarm Indication Signal' (AIS) on this card?
- ⤷ Is this card compatible with T1 (1.544 Mbps) standards?