Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DLC-7A2-R

  • AI
    The **DLC-7A2-R** is an industrial-grade **Dual-Loop Digital Temperature Controller** typically manufactured by companies like **Shinko** or similar industrial automation brands. It is designed to manage two independent thermal processes simultaneously within a compact DIN-rail mount housing. Below is a breakdown of its electronic components, specifications, and functions. --- ### 1. Technical Specifications Overview The "7A2" series generally refers to the specific architecture of the controller (number of loops and output types). | Feature | Description | | :--- | :--- | | **Control Loops** | 2 Independent Loops | | **Input Type** | Multi-input (Thermocouple, RTD, DC Voltage/Current) | | **Output Type** | Relay Contact (indicated by the 'R' suffix) | | **Mounting** | 35mm DIN Rail | | **Communication** | RS-485 (Standard on most DLC models) | | **Power Supply** | 100V to 240V AC (Standard) or 24V AC/DC | --- ### 2. Key Electronic Parts & Modules #### A. Input Section (Sensors) The device contains high-precision A/D (Analog-to-Digital) converters for each loop. It supports: * **Thermocouples:** K, J, R, S, B, E, T, N, etc. * **RTDs:** Pt100, JPt100. * **Linear Inputs:** 0-20mA, 4-20mA, 0-1V, 0-5V, 1-5V, 0-10V. #### B. Control Logic (CPU) The "brain" of the unit is a microprocessor that executes **PID (Proportional-Integral-Derivative)** control algorithms. * **Self-Tuning:** It calculates the best PID constants automatically. * **Anti-Reset Windup:** Electronic circuitry to prevent overshoot during startup. #### C. Output Section (The "R" Suffix) The **-R** in the model name signifies **Relay Contact Output**. * **Function:** It acts as a mechanical switch to turn a heater or cooler on/off. * **Capacity:** Typically rated at 250V AC, 3A (resistive load). * **Life Cycle:** Mechanical endurance is usually around 10 million operations. #### D. Communication & Interface * **RS-485 Ports:** Uses Modbus RTU or proprietary protocols to communicate with a PLC or HMI. * **LED Indicators:** The faceplate usually contains LEDs for `PWR` (Power), `RUN`, and `ALM` (Alarm) status. --- ### 3. Terminal Configuration The back of the DLC-7A2-R consists of screw terminals organized by function: 1. **Power Terminals:** Main AC/DC power input. 2. **Input Terminals (CH1/CH2):** Connections for your temperature sensors. 3. **Output Terminals (CH1/CH2):** Relay contacts to trigger external contactors or SSRs. 4. **Event Inputs/Outputs:** For alarms (high/low temperature limits). --- ### 4. Circuit Protection Features To ensure industrial reliability, the unit includes: * **Isolation:** Electronic isolation between power, input, and output circuits to prevent electrical noise interference. * **Non-volatile Memory (EEPROM):** Ensures that settings and parameters are saved even during a power failure. * **Watchdog Timer:** A hardware circuit that resets the processor if it freezes due to electrical spikes. --- ### Summary of Model Code (DLC-7A2-R) * **DLC:** Series Name (DIN Rail Controller). * **7:** Architecture generation. * **A2:** Dual Loop/Advanced features. * **R:** Relay Output (as opposed to **S** for SSR drive or **A** for Current output).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Relay (R) and SSR (S) output versions of this controller?
    • ⤷ How do I wire a 4-20mA sensor to the DLC-7A2-R?
    • ⤷ Can this controller be integrated into a SCADA system via Modbus?