Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DLC-7E1-R

  • AI
    The **DLC-7E1-R** is a specialized electronic component, typically categorized as a **Dry Contact Input Module** or a **Logic Controller** used in lighting control systems and building automation (specifically within systems like Cooper Lighting / Greengate). --- ## 1. Technical Specifications The following table highlights the core electronic characteristics of the DLC-7E1-R: | Parameter | Specification | | :--- | :--- | | **Input Channels** | 7-Channel Dry Contact | | **Input Type** | Momentary or Maintained Switches | | **Communication** | Low-voltage RS-485 or Proprietary Bus | | **Operating Voltage** | 24 VDC (Typical via bus) | | **Mounting** | DIN Rail or Panel Mount | | **Status Indicators** | LED feedback per channel | --- ## 2. Key Electronic Components Inside the module, the circuitry is designed for signal isolation and logic processing: ### A. Input Optoisolators To protect the internal logic from electrical noise or surges coming from external switches, the DLC-7E1-R utilizes **optocouplers**. These ensure that there is no direct electrical path between the external field wiring and the internal microcontroller. ### B. Pull-up Resistors The dry contact inputs work by sensing a "closure" to ground. The internal circuit uses pull-up resistors to hold the signal at a "High" state (Logic 1) until a physical switch closes, pulling the signal to "Low" (Logic 0). ### C. Communication Transceiver It features an **RS-485 transceiver chip** (such as a MAX485 or similar). This allows the device to communicate over long distances with a central controller or other "smart" devices on the network. --- ## 3. Functional Logic The "R" in the suffix often denotes specific revision or relay-integration features. Electronics in this module handle: 1. **Debouncing:** The firmware ignores rapid, accidental contact bounces to prevent flickering. 2. **Addressing:** Rotary switches or digital addressing allow the system to identify which 7-button station is sending a command. 3. **Triggering:** Converts a physical button press into a digital data packet (e.g., "Turn on Zone 5"). --- ## 4. Typical Application Wiring ```cpp // Logic flow of the DLC-7E1-R Input Switch_Pressed() { Digital_Read(Input_Pin_1); // Read physical state if (Pin == LOW) { Wait(20ms); // Debounce logic Send_Data_Packet(); // Transmit to Lighting Controller } } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum distance for the RS-485 bus on this module?
    • ⤷ How do you address the DLC-7E1-R in a multi-device network?
    • ⤷ What are the common causes of LED indicator failure on these modules?