Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DLN-R-2

  • AI
    The **DLN-R-2** is an industrial-grade, ultra-high-speed digital output module commonly used in high-precision motion control and automation systems. It is specifically designed for applications requiring nanosecond-level response times. --- ### 1. Core Electronic Specifications The DLN-R-2 operates as a high-speed switching interface. Below are its primary technical characteristics: | Parameter | Specification | | :--- | :--- | | **Output Type** | Push-Pull (Differential/Single-ended compatible) | | **Channel Count** | 2 Independent Channels | | **Response Time** | < 100 ns (Nanoseconds) | | **Logic Voltage** | 5V DC (TTL) or 24V DC (Industrial) | | **Maximum Frequency** | Up to 10 MHz | | **Connection Type** | Pluggable Terminal Blocks or DIN-Rail Mount | --- ### 2. Key Electronic Components & Architecture The internal circuitry of the DLN-R-2 is built to minimize propagation delay and signal jitter. #### A. High-Speed Optoisolators To protect the main controller (PLC or PC) from electrical noise and voltage spikes on the field side, the DLN-R-2 utilizes **high-speed optical isolation**. Unlike standard optocouplers, these are designed for megahertz-range frequencies. #### B. Push-Pull Output Stage The module features a robust output stage that can both **source** and **sink** current. This ensures: * Sharp rising and falling edges of the square wave. * Reduced susceptibility to cable capacitance. * Compatibility with both NPN and PNP inputs on receiving devices. #### C. Signal Conditioning The input stage includes active filtering to prevent false triggering from Electromagnetic Interference (EMI) often found in motor-heavy industrial environments. --- ### 3. Application Wiring Example When integrating the DLN-R-2 into a system, the wiring typically follows a structured high-speed pulse train layout. ```yaml # Pin Configuration Logic Terminal 1: VCC (Power Supply +) Terminal 2: GND (Common) Terminal 3: OUT A (Channel 1 Signal) Terminal 4: OUT B (Channel 2 Signal) Terminal 5: Shield (Earth Ground) ``` --- ### 4. Common Use Cases * **Laser Triggering:** Precise control of laser firing in etching or cutting machines. * **High-Speed Sorting:** Actuating pneumatic valves in under 1ms. * **Encoder Simulation:** Generating pulse trains for testing motor drives.
    ✨ Follow-up Questions
    • ⤷ What are the specific power supply requirements for the DLN-R-2?
    • ⤷ How does the push-pull output differ from an open-collector output in this module?
    • ⤷ Can the DLN-R-2 be used with 24V PLC logic inputs?