Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DM05CD151KO3-RHR02

  • AI
    The part number **DM05CD151KO3-RHR02** refers to a high-precision, high-reliability **Mica Capacitor**. These components are frequently used in RF (Radio Frequency) circuits, telecommunications, and high-temperature environments due to their exceptional stability. --- ### 1. Technical Specifications Table | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Mica Capacitor | Uses natural mica as the dielectric material. | | **Capacitance** | 150 pF | Indicated by the "151" code (15 x 10^1). | | **Tolerance** | ±10% | Indicated by the "K" designator. | | **Voltage Rating** | 500V DC | High dielectric strength for power applications. | | **Case Size** | DM05 | A standard industry size for dipped mica capacitors. | | **Mounting** | Through-hole | Radial leaded design for PCB mounting. | --- ### 2. Breakdown of the Part Number The alphanumeric string can be decoded as follows: * **DM05**: Refers to the physical body style and size (Dipped Mica, Size 05). * **CD**: Represents the characteristic (Temperature coefficient and drift requirements). * **151**: The capacitance value. The first two digits (15) are the significant figures, and the third (1) is the multiplier ($15 \times 10^1 = 150$ pF). * **K**: The tolerance code ($K = \pm10\%$). * **O3**: Typically refers to the operating temperature range (often up to +125°C or +150°C). * **RHR02**: A manufacturer-specific suffix often indicating RoHS compliance, high-reliability screening, or specific packaging (e.g., ammo pack or tape and reel). --- ### 3. Key Advantages of Mica Capacitors Mica capacitors are chosen over ceramic or electrolytic capacitors for specific reasons: 1. **High Precision:** They maintain a very stable capacitance value over time. 2. **Low Loss:** They exhibit very low ESR (Equivalent Series Resistance) and high Q factors, making them ideal for high-frequency filters. 3. **Temperature Stability:** The "CD" characteristic implies a very low change in capacitance regardless of temperature fluctuations. 4. **Durability:** Excellent resistance to voltage surges and mechanical stress. --- ### 4. Common Applications * **RF Oscillators:** Used to set precise frequencies in radio transmitters. * **Tuned Circuits:** High-Q circuits where minimal energy loss is required. * **Snubber Circuits:** Used in high-voltage power supplies to suppress voltage spikes. * **Aerospace & Defense:** Where component failure is not an option and environmental conditions are harsh.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Mica capacitor and a COG/NP0 Ceramic capacitor?
    • ⤷ Can this capacitor be used in AC power applications or only DC?
    • ⤷ What are the typical lead spacing dimensions for a DM05 case size?