Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DM05DY102DO3-SA-R02

  • AI
    ## Component Analysis: DM05DY102DO3-SA-R02 The part number **DM05DY102DO3-SA-R02** refers to a high-precision **Mica Capacitor**. These components are known for their exceptional stability, high reliability, and low loss at high frequencies. --- ### 1. Technical Specifications Below is a breakdown of the typical specifications for this component series: | Parameter | Specification Details | | :--- | :--- | | **Capacitance** | 1,000 pF (1.0 nF) | | **Tolerance** | ±0.5% (D) or ±5% (J) - *Note: 'D' usually indicates tight tolerance* | | **Voltage Rating** | 500V DC (Typical for DM05 series) | | **Dielectric Material** | Silver Mica | | **Operating Temperature** | -55°C to +125°C | | **Case Type** | Dipped Radial Lead | | **Lead Spacing** | ~3.0mm to 5.0mm (standard DM05 pitch) | --- ### 2. Part Number Decoder While specific manufacturer prefixes can vary, the nomenclature typically follows this logic: * **DM05**: Refers to the physical case size and style (Dipped Mica, Size 05). * **DY**: Temperature coefficient and characteristic code. * **102**: The Capacitance code. The first two digits are significant figures, and the third is the multiplier ($10 \times 10^2 = 1000$ pF). * **D**: Tolerance code (often ±0.5%). * **O3**: Voltage/Packaging variation code. * **SA-R02**: Compliance or specific lead formation suffix (e.g., RoHS compliant, Tape & Reel, or specific lead crimp). --- ### 3. Key Characteristics * **High Q Factor:** Silver mica capacitors have extremely low dissipation factors, making them ideal for RF (Radio Frequency) applications. * **Temperature Stability:** They exhibit very little change in capacitance over a wide temperature range. * **Low Inductance:** Their construction minimizes parasitic inductance, allowing for high-frequency performance. * **Precision:** These parts are often chosen when a circuit requires an exact value that will not drift over time (unlike ceramic capacitors). --- ### 4. Common Applications Due to their stability and high-frequency performance, they are commonly used in: 1. **RF Oscillators:** Maintaining frequency stability. 2. **Filter Circuits:** Precise tuning of LC filters. 3. **Pulse Circuits:** Handling high-speed voltage transitions. 4. **Audio Equipment:** Used in high-end amplifiers for signal integrity. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage rating for the 'O3' suffix in this manufacturer's catalog?
    • ⤷ Can this mica capacitor be substituted with a C0G/NP0 ceramic capacitor?
    • ⤷ What are the physical dimensions of the DM05 case size?