Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DM05DY151JO3-ST-R02

  • AI
    Based on the part number **DM05DY151JO3-ST-R02**, this component belongs to the category of **Mica Capacitors**, specifically the DM series manufactured by CDE (Cornell Dubilier). --- ### 1. Part Number Breakdown The nomenclature follows a specific standard for high-reliability mica capacitors. | Code Segment | Description | Meaning | | :--- | :--- | :--- | | **DM05** | Case Size / Style | Standard dipped mica case (Small size) | | **DY** | Temp. Coefficient | Characteristic Y (Standard temperature coefficient) | | **151** | Capacitance Value | 150 pF (15 followed by 1 zero) | | **J** | Tolerance | ±5% | | **O3** | Rated Voltage | 300 VDC | | **ST** | Lead Type | Straight leads (Standard) | | **R02** | RoHS / Packaging | RoHS compliant, specific packaging suffix | --- ### 2. Technical Specifications These are the physical and electrical characteristics typically associated with this part: * **Capacitance:** 150 pF (picofarads) * **Voltage Rating:** 300 Volts DC * **Tolerance:** ±5% * **Dielectric Material:** Silver Mica * **Operating Temperature:** -55°C to +125°C * **Insulation Resistance:** Extremely high (typ. >100,000 MΩ) --- ### 3. Key Advantages Silver Mica capacitors like the **DM05** series are chosen for specific circuit requirements where standard ceramic capacitors might fail or be unstable: 1. **Precision and Stability:** They offer excellent stability over time and temperature (low drift). 2. **Low Loss:** Extremely low dissipation factor (high Q), making them ideal for RF applications. 3. **High Frequency Performance:** They behave well at high frequencies due to low inductance. 4. **Voltage Reliability:** Highly resistant to voltage surges and aging. --- ### 4. Typical Applications * **RF Oscillators:** Maintaining frequency stability in radio transmitters. * **Filter Circuits:** Used in high-Q filters where precise cutoff frequencies are required. * **Timing Circuits:** Where timing accuracy is critical and must not shift with temperature. * **Snubber Circuits:** In high-speed switching applications.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for this mica capacitor?
    • ⤷ Can this capacitor be used in AC power applications?
    • ⤷ How does the 'Y' temperature coefficient compare to the 'F' coefficient in mica capacitors?