Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DM05EE100DO3-SA-R02

  • AI
    The **DM05EE100DO3-SA-R02** is a high-precision, industrial-grade **Mica Capacitor**. These components are specifically designed for high-frequency stability and low-loss performance in demanding RF (Radio Frequency) and pulse power applications. --- ### 1. Key Technical Specifications Based on the part number nomenclature, the following table outlines the core electronic characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Capacitance** | 10 pF | The nominal capacitance value (100 in code). | | **Tolerance** | ±0.5 pF | Denoted by "D", indicating a very tight precision range. | | **Voltage Rating** | 500V DC | High dielectric strength suitable for power circuits. | | **Dielectric Material** | Silver Mica | Provides excellent stability and low dissipation factors. | | **Operating Temp.** | -55°C to +125°C | Standard industrial/military temperature range. | | **Termination** | Radial Leaded | Through-hole mounting configuration. | --- ### 2. Component Composition A Silver Mica capacitor like the DM05 series consists of the following internal layers: * **Mica Sheets:** The primary dielectric material. Mica is chemically inert and does not change properties over time or under high voltage. * **Silver Electrodes:** Silver is screened directly onto the mica sheets. This "Silvered Mica" process eliminates air gaps, preventing corona discharge and ensuring high reliability. * **Epoxy Coating:** The component is dipped in a flame-retardant epoxy resin (the "SA" suffix often relates to the coating/form factor) to protect against moisture and mechanical shock. --- ### 3. Primary Applications Because of its stability and high Q-factor (low energy loss), this part is commonly used in: 1. **RF Oscillators:** Maintaining a stable frequency regardless of temperature changes. 2. **Filter Circuits:** Used in high-pass or low-pass filters where precision is critical. 3. **Snubber Circuits:** Handling high-speed voltage spikes in power supplies. 4. **Audio Equipment:** Preferred in high-end audio for its low distortion and "transparent" signal path. --- ### 4. Advantages vs. Other Capacitors * **Vs. Ceramic (MLCC):** Mica has much better temperature stability and does not suffer from "piezoelectric noise." * **Vs. Film:** Mica can operate at much higher frequencies and handles high-voltage stresses better in a smaller footprint.
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering temperature requirements for this radial mica capacitor?
    • ⤷ How does the Q-factor of a silver mica capacitor compare to a C0G ceramic capacitor at 1MHz?
    • ⤷ Can you explain the meaning of the 'R02' suffix in this specific manufacturer's coding?