Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DM10CD102JO3-RHR02

  • AI
    The part number **DM10CD102JO3-RHR02** corresponds to a high-precision Silver Mica capacitor. These components are renowned for their stability, high Q factor, and reliability in RF (Radio Frequency) applications. --- ### 1. Technical Specifications Breakdown The part number follows a specific nomenclature used by manufacturers (typically CDE - Cornell Dubilier). | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Silver Mica Capacitor | Uses silver electrodes screened onto mica sheets. | | **Capacitance** | 1000 pF (1nF) | Represented by the "102" code (10 + 2 zeros). | | **Tolerance** | ±5% | Indicated by the "J" character. | | **Voltage Rating** | 500 VDC | Standard for the DM10 case size. | | **Case Size** | DM10 | Standard dipped mica package dimensions. | | **Temperature Range** | -55°C to +125°C | High thermal stability. | | **Lead Style** | Radial Leaded | Through-hole mounting. | --- ### 2. Key Electronic Characteristics * **Low Dissipation Factor:** Silver mica capacitors have extremely low losses, making them ideal for high-frequency circuits where heat generation must be minimized. * **High Stability:** They exhibit a very small change in capacitance over time (aging) and under varying temperatures (Temperature Coefficient). * **Voltage Withstanding:** With a 500V rating, this part is suitable for power stages in transmitters or high-voltage coupling. * **High Q Factor:** Because mica is a natural mineral with excellent dielectric properties, the "Quality Factor" is much higher than that of standard ceramic capacitors. --- ### 3. Common Applications Due to the precision and stability of the **DM10CD102JO3**, it is commonly found in: 1. **RF Oscillators:** Maintaining a stable frequency in radio equipment. 2. **Filter Networks:** Used in low-pass, high-pass, and band-pass filters where tight tolerance is required. 3. **Tuning Circuits:** Found in older high-fidelity audio equipment and amateur radio gear. 4. **Snubber Circuits:** Used in low-power pulse applications due to its high voltage handling. --- ### 4. Comparison with Alternatives | Feature | Silver Mica (DM10) | Ceramic (MLCC) | Film Capacitor | | :--- | :--- | :--- | :--- | | **Precision** | Very High | Moderate | High | | **Temperature Stability** | Excellent | Poor (X7R) to Good (C0G) | Moderate | | **Cost** | High | Very Low | Moderate | | **Durability** | High | Low (Fragile) | High |
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'RHR02' suffix in this manufacturer's part number?
    • ⤷ Can a C0G/NP0 ceramic capacitor be used as a direct substitute for this silver mica part?
    • ⤷ How does the '102' capacitance code translate to microfarads (uF)?