Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DMC3025LSDQ

  • AI
    ## Technical Overview of the DMC3025LSDQ The **DMC3025LSDQ** is a high-performance complementary MOSFET pair (one N-Channel and one P-Channel) integrated into a single SO-8 package. It is designed by Diodes Incorporated and is specifically **Automotive Compliant** (AEC-Q101 qualified). --- ### 1. Key Technical Specifications Below are the primary electrical characteristics for both the N-Channel and P-Channel components within the device: | Characteristic | N-Channel (Q1) | P-Channel (Q2) | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 30V | -30V | | **Gate-Source Voltage ($V_{GSS}$)** | $\pm$20V | $\pm$20V | | **Continuous Drain Current ($I_D$)** | 7.6A | -6.0A | | **Max $R_{DS(on)}$ at $V_{GS}=10V$** | 25m$\Omega$ | 25m$\Omega$ | | **Max $R_{DS(on)}$ at $V_{GS}=4.5V$** | 40m$\Omega$ | 45m$\Omega$ | | **Package Type** | SO-8 | SO-8 | --- ### 2. Internal Configuration The device features a **Complementary Dual MOSFET** layout. This means the two transistors are independent but share the same physical package, which saves board space and improves thermal tracking between the two switches. * **Q1 (N-Channel):** Typically used as a low-side switch. * **Q2 (P-Channel):** Typically used as a high-side switch. --- ### 3. Key Features & Benefits * **AEC-Q101 Qualified:** It is "Automotive Grade," meaning it has undergone rigorous reliability testing and is suitable for harsh environments. * **Low On-Resistance ($R_{DS(on)}$):** Minimizes conduction losses, leading to higher efficiency and less heat generation. * **Fast Switching Speed:** Optimized for high-frequency DC-DC conversion. * **PPAP Capable:** Full documentation available for automotive production requirements. --- ### 4. Common Applications Due to its complementary nature and automotive rating, it is frequently used in: 1. **H-Bridge Circuits:** Ideal for small DC motor control or stepper motor drivers. 2. **Level Shifting:** Transitioning signals between different voltage domains. 3. **DC-DC Converters:** Used in synchronous rectification or buck/boost stages. 4. **Power Management:** Load switching in automotive body electronics (lighting, infotainment). --- ### 5. Pinout Diagram (SO-8) ```text SO-8 Top View +----------------+ 1 | S1 D1 | 8 2 | G1 D1 | 7 3 | S2 D2 | 6 4 | G2 D2 | 5 +----------------+ (S=Source, G=Gate, D=Drain) 1,2 = N-Channel / 3,4 = P-Channel ```
    ✨ Follow-up Questions
    • ⤷ What are the thermal resistance (RθJA) properties of this SO-8 package?
    • ⤷ Can the DMC3025LSDQ be driven directly by a 3.3V microcontroller logic level?
    • ⤷ What are the specific advantages of using a complementary pair over two N-channel MOSFETs in an H-bridge?