Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DMP4025LSD

  • AI
    ## DMP4025LSD: Technical Overview The **DMP4025LSD** is a dual P-Channel enhancement mode MOSFET (Field Effect Transistor) manufactured by Diodes Incorporated. It is designed to minimize on-state resistance ($R_{DS(ON)}$) while maintaining superior switching performance, making it ideal for high-efficiency power management applications. ### 1. Key Technical Specifications The following table summarizes the absolute maximum ratings and electrical characteristics of the DMP4025LSD: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | -40 | V | | **Gate-Source Voltage** | $V_{GSS}$ | ±20 | V | | **Continuous Drain Current** | $I_D$ | -7.5 | A | | **Pulsed Drain Current** | $I_{DM}$ | -30 | A | | **Max $R_{DS(ON)}$ at $V_{GS}=-10V$** | $R_{DS(ON)}$ | 25 | mΩ | | **Max $R_{DS(ON)}$ at $V_{GS}=-4.5V$** | $R_{DS(ON)}$ | 45 | mΩ | | **Total Gate Charge** | $Q_g$ | 16.6 | nC | --- ### 2. Physical Characteristics & Package The DMP4025LSD is typically housed in an **SO-8** package. Since it is a **Dual MOSFET**, it contains two independent P-Channel transistors within a single chip, which helps save PCB real estate. * **Lead-Free Finish:** RoHS Compliant. * **Halogen and Antimony Free:** "Green" device. * **Thermal Resistance:** Optimized for heat dissipation through the PCB traces. --- ### 3. Key Features * **Low On-Resistance:** Reduces power loss during the conduction phase. * **Fast Switching Speed:** Ideal for high-frequency DC-DC converters. * **Low Input Capacitance:** Allows for easier gate driving with lower power. * **Rugged Design:** High resistance to ESD and voltage spikes. --- ### 4. Typical Applications The P-Channel configuration of the DMP4025LSD is specifically useful for "high-side" switching because it simplifies the drive circuitry compared to N-Channel MOSFETs. Common uses include: 1. **Load Switching:** Turning power on/off for specific sub-systems in portable electronics. 2. **Power Management:** Used in battery charging circuits and DC-DC buck/boost converters. 3. **Reverse Polarity Protection:** Protecting circuits from damage if a battery is connected backward. 4. **Motor Control:** Driving small DC motors or actuators in bridge configurations. --- ### 5. Pin Configuration (SO-8) | Pin Number | Function | | :--- | :--- | | 1 | Source 1 (S1) | | 2 | Gate 1 (G1) | | 3 | Source 2 (S2) | | 4 | Gate 2 (G2) | | 5, 6 | Drain 2 (D2) | | 7, 8 | Drain 1 (D1) |
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using a P-Channel MOSFET over an N-Channel for high-side switching?
    • ⤷ How does the RDS(ON) value change with different Gate-Source voltages in this device?
    • ⤷ What are the thermal considerations when running this MOSFET at its maximum current of 7.5A?