Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DMP4025LSD-13

  • AI
    ## Technical Overview: DMP4025LSD-13 The **DMP4025LSD-13** is a high-performance, dual P-channel enhancement mode MOSFET manufactured by **Diodes Incorporated**. It is specifically designed to minimize on-state resistance ($R_{DS(ON)}$) while maintaining superior switching performance, making it ideal for high-efficiency power management applications. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the device: | Parameter | Symbol | Maximum Rating / Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | -40V | | **Gate-Source Voltage** | $V_{GSS}$ | ±20V | | **Continuous Drain Current** | $I_D$ | -7.4A (at $T_A = 25^\circ C$) | | **Pulsed Drain Current** | $I_{DM}$ | -30A | | **Drain-Source On-Resistance** | $R_{DS(ON)}$ | 25mΩ @ $V_{GS}$ = -10V | | **Total Gate Charge** | $Q_g$ | 19.3 nC | | **Package Type** | - | SO-8 | --- ### 2. Physical and Structural Features - **Dual Configuration:** It contains two independent P-channel MOSFETs within a single SO-8 package. This saves PCB space in designs requiring multiple switches. - **Low On-Resistance:** Its low $R_{DS(ON)}$ minimizes conduction losses, which is critical for battery-powered devices. - **Thermal Efficiency:** The SO-8 package is designed for surface mount applications with thermal pads to dissipate heat effectively. --- ### 3. Common Applications Due to its P-channel logic, it is often used for high-side switching where a positive gate-to-source voltage isn't easily available. 1. **Load Switching:** Turning power rails on/off in portable electronics. 2. **Power Management:** DC-DC converters and battery charging circuits. 3. **Reverse Polarity Protection:** Protecting sensitive components from incorrectly connected batteries. 4. **Motor Control:** Used in H-bridge configurations for small DC motors. --- ### 4. Implementation Example In a typical load switch application, the P-channel MOSFET is used to control the flow of current from the source to the load. ```cpp // Logic Representation for a Microcontroller controlling a P-Channel MOSFET // Note: P-channel MOSFETs turn ON when the Gate is LOW relative to the Source. void setup() { pinMode(GATE_PIN, OUTPUT); } void loop() { digitalWrite(GATE_PIN, LOW); // MOSFET is ON (Load is powered) delay(1000); digitalWrite(GATE_PIN, HIGH); // MOSFET is OFF (Load is disconnected) delay(1000); } ```
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using a Dual MOSFET package over two single MOSFETs?
    • ⤷ How does the gate threshold voltage affect the switching speed of the DMP4025LSD?
    • ⤷ Can this MOSFET be used in logic-level applications (3.3V or 5V)?