Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DMUSB

  • AI
    The term **DMUSB** typically refers to **D+ (Data Plus)** and **D- (Data Minus)** lines in a Universal Serial Bus (USB) interface. These are the differential pair signals used for data transmission in USB 2.0 and earlier standards. --- ### 1. Core Electronic Components of USB Data Lines The physical layer of a USB connection (specifically the D+/D- lines) requires several passive and active components to ensure data integrity and protection. | Component | Function | Specification / Value | | :--- | :--- | :--- | | **Pull-up Resistors** | Used for Device Speed Detection. | 1.5 kΩ (on D+ for Full Speed, D- for Low Speed) | | **Pull-down Resistors** | Used on the Host side (Downstream Port). | 15 kΩ on both D+ and D- | | **Series Resistors** | Impedance matching to prevent signal reflection. | Typically 22 Ω to 33 Ω | | **TVS Diodes** | ESD Protection against static discharge. | Low capacitance (<1pF) to avoid signal distortion | | **Common Mode Choke** | EMI/EMC filtering to reduce noise. | Often used in high-speed applications | --- ### 2. Differential Signaling (D+ and D-) The DM (D-) and DP (D+) lines operate using **Differential Signaling**. Instead of measuring a voltage against ground, the receiver measures the difference between the two wires. * **Logic '1':** D+ is high, D- is low. * **Logic '0':** D- is high, D+ is low. * **Advantage:** This method is highly resistant to electromagnetic interference (EMI) because noise usually affects both wires equally, leaving the difference unchanged. --- ### 3. Connection and Speed Identification The way the DM line is biased tells the host what kind of device is connected: 1. **Low Speed (1.5 Mbps):** 1.5 kΩ Pull-up resistor is connected to **D-**. 2. **Full Speed (12 Mbps):** 1.5 kΩ Pull-up resistor is connected to **D+**. 3. **High Speed (480 Mbps):** Starts as Full Speed, then performs a "Chirp" handshake to switch to high-speed mode. --- ### 4. Schematic Example (Typical USB 2.0 Interface) ```c [USB Connector] [Protection/Filtering] [MCU/Controller] Pin 1 (VCC) ----------+---------------------------- VCC (+5V) Pin 2 (D-) ---[22Ω]---+---[TVS Diode]---+--------- USB_DM Pin 3 (D+) ---[22Ω]---+---[TVS Diode]---+--------- USB_DP Pin 4 (GND) --------------------------------------- GND ``` --- ### 5. Design Considerations * **Impedance Matching:** The D+/D- PCB traces must be routed as a differential pair with a **90 Ω differential impedance**. * **Trace Length:** Keep the traces as short as possible and ensure they are of equal length (length matching) to avoid signal skew. * **Placement:** Place the ESD protection (TVS diodes) as close to the physical USB connector as possible.
    ✨ Follow-up Questions
    • ⤷ What are the specific requirements for routing USB differential pairs on a PCB?
    • ⤷ How does the 'USB Chirp' process work for High-Speed negotiation?
    • ⤷ Why is low capacitance critical for TVS diodes on USB data lines?