Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DMYB-CJS-RQ

  • AI
    The **DMYB-CJS-RQ** is a specialized electronic component, typically categorized as a **High-Voltage Ignition Transformer** or an **Electronic Spark Generator**. It is most commonly utilized in industrial heating systems, gas-fired ovens, and commercial kitchen equipment for automated ignition sequences. --- ### 1. Key Technical Specifications While specific datasheets may vary by manufacturer, the standard electronic profile for this part includes: | Parameter | Typical Value | | :--- | :--- | | **Input Voltage** | 220V - 240V AC (50/60Hz) | | **Output Voltage** | 15kV - 18kV (High Voltage Peak) | | **Ignition Distance** | 3mm to 5mm | | **Duty Cycle** | Intermittent (e.g., 33% over 3 minutes) | | **Material** | Epoxy Resin Encapsulation | | **Connection Type** | Faston terminals or insulated wire leads | --- ### 2. Internal Electronic Components The DMYB-CJS-RQ operates using a solid-state step-up circuit. Its internal architecture consists of: * **Step-up Transformer:** A ferrite-core transformer that converts low-voltage AC into high-voltage pulses. * **Capacitive Discharge System:** Stores energy and releases it rapidly to create a high-energy spark. * **Rectifier Diodes:** Converts AC input into a form usable by the internal capacitors. * **Encapsulation:** The internal components are potted in **epoxy resin**, which provides: * High dielectric strength (prevents internal arcing). * Moisture and vibration resistance. * Thermal stability. --- ### 3. Application & Functionality The device serves as the "igniter" in a combustion control loop. When the control board sends power to the DMYB-CJS-RQ, it performs the following electronic functions: 1. **Ionization:** It generates a high potential difference between the ignition electrodes. 2. **Plasma Formation:** The air gap breaks down, creating a spark (plasma) that ignites the gas-air mixture. 3. **Safety Integration:** Often works in tandem with a flame sensor (ion probe) to ensure the gas valve closes if no flame is detected. ### 4. Wiring Identification | Wire Color/Terminal | Function | | :--- | :--- | | **L / N** | Power Input (Live and Neutral) | | **High Tension (HT)** | Thick insulated cable leading to the Spark Plug/Electrode | | **Ground (Earth)** | Critical for circuit completion and safety | ---
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms of the DMYB-CJS-RQ?
    • ⤷ How do I test the secondary winding of this transformer using a multimeter?
    • ⤷ Can this component be used for continuous ignition in ozone generators?