Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • DNET1

  • AI
    Based on industrial networking contexts, **DNET1** typically refers to a DeviceNet communication module or a specific port interface used in programmable logic controllers (PLCs) and industrial drives (like those from Danfoss or Rockwell Automation). Below is an explanation of the core electronic components and hardware structure involved in a DNET1 interface. --- ### 1. Core Electronic Components The DNET1 module functions as a bridge between the device's internal processor and the physical CAN (Controller Area Network) bus. | Component | Function | | :--- | :--- | | **CAN Controller** | Manages the Data Link layer, handling bit timing, framing, and error detection. | | **Transceiver (ISO 11898)** | Converts digital signals from the controller into differential voltages for the network. | | **Opto-Isolators** | Provides galvanic isolation to protect the device from high-voltage spikes on the network. | | **Voltage Regulator** | Steps down the 24V DC network power to 5V or 3.3V for internal logic circuits. | | **Termination Resistor** | A 121-ohm resistor used at the physical ends of the trunk line to prevent signal reflection. | --- ### 2. Physical Interface and Pins DeviceNet (DNET1) usually utilizes a 5-pin terminal connector (either a "Combicon" style open plug or a circular M12/Mini-change connector). ### Pinout Configuration | Pin Number | Color Code | Signal | Description | | :--- | :--- | :--- | :--- | | 1 | Black | **V-** | Negative Power Supply (0V) | | 2 | Blue | **CAN_L** | CAN Low Signal | | 3 | Bare/Grey | **Drain** | Shield/Ground Wire | | 4 | White | **CAN_H** | CAN High Signal | | 5 | Red | **V+** | Positive Power Supply (+24V DC) | --- ### 3. Hardware Operational Features The electronic design of a DNET1 module must handle specific industrial requirements: * **Baud Rate Configuration:** Controlled via hardware DIP switches or software parameters. Standard speeds are 125k, 250k, and 500k bps. * **Node Addressing (MAC ID):** The hardware identifies itself on the network via an address ranging from 0 to 63. * **Status LEDs:** * **Module Status (MS):** Indicates if the electronics inside the DNET1 unit are functional. * **Network Status (NS):** Indicates if the physical connection to the bus is established and communicating. ### 4. Typical Integration Example ```cpp // Logic representation of a DNET1 Status Check if (DNET1_Status == 0x01) { Execute_Communication(); } else { Trigger_Alarm("Network Connection Lost"); } ``` ---
    ✨ Follow-up Questions
    • ⤷How do I set the MAC ID on a DNET1 module?
    • ⤷ What are the common causes of a 'Bus Off' error in DeviceNet?
    • ⤷ How is the 24V DC power supply calculated for a DNET1 network?