AI

The **DOM-5246L-R** is a high-sensitivity, omnidirectional electret condenser microphone (ECM) component manufactured by **PUI Audio**. It is widely used in telecommunications, security systems, and portable electronics.
---
## 1. Technical Specifications
The following table highlights the core electronic characteristics of the DOM-5246L-R:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Electret Condenser Microphone |
| **Directional Characteristic** | Omnidirectional (360° pickup) |
| **Sensitivity** | -46 ± 3 dB (0dB=1V/Pa at 1kHz) |
| **Frequency Range** | 20 Hz ~ 20,000 Hz |
| **Operating Voltage** | 1.5V to 10V (Standard: 2.0V) |
| **Current Consumption** | Max 0.5 mA |
| **Signal-to-Noise (S/N) Ratio** | > 60 dB |
| **Output Impedance** | 2.2 kΩ |
| **Mounting Type** | Through-hole (Solder Pads) |
---
## 2. Key Electronic Features
### A. Electret Condenser Technology
The device uses a permanently polarized material (electret), eliminating the need for a high-voltage external power supply to charge the diaphragm. However, it still requires a small DC voltage to power the internal **FET (Field Effect Transistor)**.
### B. Internal Impedance Matching (FET)
Because condenser capsules have extremely high impedance, the DOM-5246L-R includes an internal FET. This transistor acts as an impedance converter, transforming the high-impedance signal of the capsule into a low-impedance output (2.2 kΩ) suitable for standard audio pre-amplifiers.
### C. Omnidirectional Polar Pattern
Unlike "cardioid" microphones that pick up sound from the front, the DOM-5246L-R is equally sensitive to sound from all directions. This makes it ideal for ambient noise sensing or conference devices where the sound source position may vary.
---
## 3. Typical Application Circuit
To use this component, a simple bias circuit is required. A load resistor ($R_L$) is used to limit current and drop voltage to the FET.
```text
Vcc (2.0V - 10V)
|
[ Rl: 2.2k ohm ]
|
+----------o Audio Output (via Capacitor)
|
[ DOM-5246L-R ]
|
GND
```
### Components in the Circuit:
1. **Vcc:** The supply voltage (typically 2V).
2. **Load Resistor ($R_L$):** Typically 2.2kΩ. It determines the gain and operating point of the internal FET.
3. **DC Blocking Capacitor:** Usually 0.1µF to 10µF, placed on the output line to prevent DC voltage from entering the following amplifier stage.
---
## 4. Mechanical Design
* **Dimensions:** Usually 6mm in diameter and 5mm in height (standard 6050 package size).
* **Termination:** Two solder pads on the bottom. One pad is connected to the metal casing (Ground), which helps in reducing EMI/RFI interference.
- ⤷
How does changing the load resistor (Rl) affect the microphone's performance?
- ⤷ What are the common causes of noise in electret microphone circuits?
- ⤷ Is the DOM-5246L-R suitable for high-SPL (Sound Pressure Level) environments?